Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0809-100-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # RL0809-100-R
Description  Unshielded radial leaded drum core inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

RL0809-100-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  RL0809-100-R Datasheet HTML 1Page - Eaton All Rights Reserved. RL0809-100-R Datasheet HTML 2Page - Eaton All Rights Reserved. RL0809-100-R Datasheet HTML 3Page - Eaton All Rights Reserved. RL0809-100-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product description
• Unshielded, leaded drum core
• Protective sleeveing over winding
• Inductance range from 10μH to
33,000μH
• Current range from 0.042A to 2.9A
• 7.9 OD x 9.0mm through-hole package
• Ferrite core material
• Halogen free, lead free, RoHS compliant
Applications
• LED Drivers and lighting
• Utility meters
• Appliance electronics
• Motor drives
• Power supplies
• General purpose filtering
Environmental data
• Storage temperature range (Component):
-40°C to +125°C
• Operating temperature range: -40°C to +125°C
(ambient + self-temperature rise)
Coiltronics RL0809 Series
Unshielded radial leaded drum core inductors
Technical Data 10279
Effective June 2014
Coiltronics is now
part of Eaton
Same great
products plus
even more.
The Coiltronics brand of
magnetics (formerly of
the Bussmann Division of
Cooper Industries)
is now part of
Eaton’s Electrical Group,
Electronics Division.
HALOGEN
HF
FREE
Pb


Similar Part No. - RL0809-100-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0805 ETC1-RL0805 Datasheet
307Kb / 9P
LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0805 YAGEO-RL0805 Datasheet
307Kb / 9P
LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
RL0805 YAGEO-RL0805 Datasheet
579Kb / 9P
LOW OHMIC CHIP RESISTORS
RL0805 YAGEO-RL0805 Datasheet
804Kb / 9P
Chip Resistor Surface Mount
June 01, 2017 V.2
logo
Ruilongyuan Electronics...
RL0805A RUILON-RL0805A Datasheet
614Kb / 5P
Meta lOxide Varistors
More results

Similar Description - RL0809-100-R

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
Radial Drum Core Inductors
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
Radial Drum Core Inductors
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
SMT UNSHIELDED DRUM CORE INDUCTORS
logo
Eaton All Rights Reserv...
RL1011 EATON-RL1011 Datasheet
578Kb / 4P
Unshielded radial leaded drum core inductors
RL0607 EATON-RL0607 Datasheet
768Kb / 4P
Unshielded radial leaded drum core inductors
RL1218 EATON-RL1218 Datasheet
770Kb / 4P
Unshielded radial leaded drum core inductors
logo
Central Technologies
CTDR5F CT-CTDR5F Datasheet
141Kb / 1P
Drum Core Inductors - Radial Leaded
CTDR6F CT-CTDR6F Datasheet
143Kb / 1P
Drum Core Inductors - Radial Leaded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com