Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0809-102-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # RL0809-102-R
Description  Unshielded radial leaded drum core inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

RL0809-102-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  RL0809-102-R Datasheet HTML 1Page - Eaton All Rights Reserved. RL0809-102-R Datasheet HTML 2Page - Eaton All Rights Reserved. RL0809-102-R Datasheet HTML 3Page - Eaton All Rights Reserved. RL0809-102-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.eaton.com/elx
3
RL0809 Series
Unshielded radial leaded drum core inductors
Technical Data 10279
Effective June 2014
Packaging information - mm
Supplied on cut tape roll packaging, 800 parts per roll.
Inductance characteristics
0%
20%
40%
60%
80%
100%
120%
0%
20%
40%
60%
80%
100%120%140%160%180%200%
% of Isat
% of OCL vs. % of Isat



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com