Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1218-102-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # RL1218-102-R
Description  Unshielded radial leaded drum core inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

RL1218-102-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  RL1218-102-R Datasheet HTML 1Page - Eaton All Rights Reserved. RL1218-102-R Datasheet HTML 2Page - Eaton All Rights Reserved. RL1218-102-R Datasheet HTML 3Page - Eaton All Rights Reserved. RL1218-102-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.eaton.com/elx
2
Technical Data 10338
Effective October 2014
RL1218 Series
Unshielded radial leaded drum core inductors
Dimensions - mm
Product specifications
Part Number4
OCL¹
(μH)±10%
I
rms
2
(amps)
I
sat
3
(amps)
DCR (Ω)
@ 20°C max.
SRF
(MHz) typ.
RL1218-4R7-R
4.7±20%
5.65
15.0
0.017
34
RL1218-8R2-R
8.2±20%
4.75
10.7
0.025
25
RL1218-100-R
10
4.61
10.2
0.026
21
RL1218-150-R
15
4.05
8.00
0.034
11
RL1218-220-R
22
3.64
6.60
0.042
8
RL1218-270-R
27
3.44
5.97
0.047
6
RL1218-330-R
33
3.27
5.45
0.052
5
RL1218-101-R
100
2.31
3.16
0.102
3
RL1218-151-R
150
1.89
2.56
0.159
3
RL1218-181-R
180
1.64
2.34
0.211
3
RL1218-221-R
220
1.53
2.10
0.241
2
RL1218-331-R
330
1.25
1.73
0.366
2
RL1218-561-R
560
0.968
1.33
0.606
1
RL1218-102-R
1000
0.677
0.992
1.23
1
RL1218-152-R
1500
0.597
0.809
1.59
0.81
RL1218-472-R
4700
0.322
0.457
5.46
0.40
RL1218-562-R
5600
0.305
0.418
6.11
0.40
RL1218-682-R
6800
0.263
0.379
8.20
0.36
RL1218-123-R
12,000
0.201
0.286
14.1
0.28
1. Open Circuit Inductance (OCL) Test Parameters: 10kHz, 0.1V
rms, 0.0Adc, 25°C
2. I
rms: DC current for an approximate temperature rise of 40°C without core
loss. Derating is necessary for AC currents. PCB layout, trace thickness and
width, air-flow, and proximity of other heat generating components will affect
the temperature rise. It is recommended that the temperature of the part
not exceed 125°C under worst case operating conditions verified in the end
application.
3. I
sat: Peak current for approximately 5% rolloff at +25°C
4. Part Number Definition: RL1218-yyy-R
- RL1218 = Product code and size
- yyy= Inductance value in μH, R = decimal point,
if no R is present then third character = number of zeros.
- “-R” suffix = RoHS compliant
Top view
Side view
Schematic
Recommended pad layout
Part marking: 4xxx
wly R
4 = RL1218
xxx = inductance in µH, R = decimal point; if there is no “R” then third character = number of zeros
wly = date code, R = revision level
* Lead length is after the components are trimmed from the packaging tape roll.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com