Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  DFK-PC 5/ 2-ST-7,62
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT 0804549 Datasheet HTML 7Page - PHOENIX CONTACT 0804549 Datasheet HTML 8Page - PHOENIX CONTACT 0804549 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Plug component, Screw connection with tension
sleeve
Order No.: 1716506
Type: DFK-PC 5/ 2-ST-7,62
Data sheet
1
Main features
2
Your advantages
 No. of pos.
2
 Nominal current
41 A
 Conductor cross section
6 mm²
 Nominal voltage
1000 V
 Color
green
 Connection direction
0 °
 Pitch
7.62 mm
 Type of packaging
packed in cardboard
 Connection method
Screw connection with
tension sleeve
Well-known connection principle allows worldwide use
Low temperature rise, thanks to maximum contact force
Allows connection of two conductors
Flange system enables secure fixing to the housing panel by means of tool-free snap-in locking or screws
Make sure you always use the latest documentation.
It can be downloaded at: phoenixcontact.net/product/1716506
2017-09-04
Product version 05
Document revision 0


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
143Kb / 5P
PCV 4/ 2-G-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716519 PHOENIX-1716519 Datasheet
97Kb / 5P
Printed-circuit board connector - DFK-PC 5/ 3-ST-7,62
1716522 PHOENIX-1716522 Datasheet
161Kb / 5P
DFK-PC 5/ 4-ST-7,62
1716535 PHOENIX-1716535 Datasheet
196Kb / 11P
Feed-through plug - DFK-PC 5/ 5-ST-7,62
1716577 PHOENIX-1716577 Datasheet
84Kb / 4P
Printed-circuit board connector - DFK-PC 5/ 9-ST-7,62
1716580 PHOENIX-1716580 Datasheet
84Kb / 4P
Printed-circuit board connector - DFK-PC 5/10-ST-7,62
1716593 PHOENIX-1716593 Datasheet
84Kb / 4P
Printed-circuit board connector - DFK-PC 5/11-ST-7,62
1716690 PHOENIX-1716690 Datasheet
162Kb / 5P
DFK-PC 5/10-STF-7,62
1716548 PHOENIX-1716548 Datasheet
282Kb / 7P
Feed-through plug - DFK-PC 5/ 6-ST-7,62
1716551 PHOENIX-1716551 Datasheet
282Kb / 7P
Feed-through plug - DFK-PC 5/ 7-ST-7,62
1716603 PHOENIX-1716603 Datasheet
402Kb / 14P
Feed-through plug - DFK-PC 5/12-ST-7,62
Jan 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com