Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HJS6 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # HJS6
Description  Category 6 Shielded Jack with Cobra-Lock??Termination
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HJS6 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  HJS6 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Nose Housing Material
Zinc die-cast
Rear Housing Material
Zinc die-cast
Nose Contacts
Copper Alloy with Gold Over Plating
IDC Contacts
Phosphor bronze with 100 micro-inch
tin over plating
Dimensions in (mm) (H x W x D
0.87 (22) x 0.67 (‪17) x 1.39 (‪35)
Wire Compatibility
24-22 AWG Solid
Performance
Electrical Performance
TIA Component Compliant
Withstand Voltage
1,000 Vac @ 60 Hz
PoE Support
3rd Party Tested to IEC60512-99-002
for POE disconection endurance
Plug Mating Cycles
750 Minimum
IDC Re-termination Cycles
25 Maximum
Plug Compatibility
RJ-11 to 45
Testing
100% Factory Tested
Backward Compatibility
Cat5e and Cat6
Hubbell Premise Wiring • Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484 • Phone (800) 626-0005 • FAX (860) 535-5368
Printed in U.S.A. Specifications subject to change without notice.
Resources
Customer Drawings
eCatalog page
• Third Party Verified Category 6 Component
• Cobra-Lock Termination Reduces Termination Time by Over 75%
• Wires Secured Under Constant Compression
• Easily Re-Terminate
• Qualified to 150% of 802.3bt PoE Current Level
1.378
0.575
0.877
0.665
NEXTSPEED®
Jack
Category 6 Shielded Jack with Cobra-Lock™
Termination
Listings
ANSI/TIA/EIA-568 Category 6 component
UL 1863 - Communications-Circuit Accessory
UL 2043 - Suitable for Air-Handling Spaces
RoHS Compliant
Ordering Information
Description
Qty
Color
UPC
Number
Catalog
Number
NEXTSPEED Category 6 Shielded
Jack with Cobra-Lock Termination
1
Silver
662620661896
HJS6
Accessories
Description
Catalog Number
HJS Series Color Face, 100-Pack, Blue
SJFB
Riser C6A FTP Cable
C6AFTPSPB
Plenum C6A FTP Cable
C6AFTPSRB
Shielded C6A Patch Cord
PC6AGY10
RJ-45 Security Port Blocker, 25 pack
HXJDC25
IEC60512-99-002 for de-matting endurance under PoE load


Similar Part No. - HJS6

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HJS624 HUBBELL-HJS624 Datasheet
248Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6A HUBBELL-HJS6A Datasheet
319Kb / 1P
Category 6A Shielded Jack with Cobra-Lock??Termination
HJS6A24 HUBBELL-HJS6A24 Datasheet
318Kb / 1P
Category 6A Shielded Jack with Cobra-Lock??Termination
HJS6AB HUBBELL-HJS6AB Datasheet
308Kb / 1P
Category 6A Shielded Jack with Cobra-Lock??Termination
HJS6AB24 HUBBELL-HJS6AB24 Datasheet
304Kb / 1P
Category 6A Shielded Jack with Cobra-Lock??Termination
More results

Similar Description - HJS6

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HJS6B HUBBELL-HJS6B Datasheet
308Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6B24 HUBBELL-HJS6B24 Datasheet
304Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6BK HUBBELL-HJS6BK Datasheet
306Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6GN HUBBELL-HJS6GN Datasheet
307Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6GY HUBBELL-HJS6GY Datasheet
305Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6GY24 HUBBELL-HJS6GY24 Datasheet
301Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6R24 HUBBELL-HJS6R24 Datasheet
308Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6W HUBBELL-HJS6W Datasheet
305Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6W24 HUBBELL-HJS6W24 Datasheet
297Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
HJS6Y24 HUBBELL-HJS6Y24 Datasheet
305Kb / 1P
Category 6 Shielded Jack with Cobra-Lock??Termination
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com