Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS21V-R040770 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS21V-R040770
Description  KEMET, SS21V, AC Line Filters, Common Mode, 0.077 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS21V-R040770 Datasheet(HTML) 1 Page - Kemet Corporation

  SS21V-R040770 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SS21V-R040770
(UAL21VR0407700)
KEMET, SS21V, AC Line Filters, Common Mode, 0.077 H
Dimensions
L
20.6mm +/-1mm
T
16.8mm +/-1mm
H
24.5mm +/-1mm
S
13mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 600
Weight: 12.2 g
General Information
Series: SS21V
Style: Through-Hole
RoHS: Yes
Notes: Replacement For SS24V Type
And SSI 1 V Type
Miscellaneous: Temperature Rise Maximum: 50
K
Specifications
Voltage AC: 250 VAC
Inductance: 77 mH
Current: 400 mA
Temperature Range: -25/+120°C
DC Resistance: 5.4 Ohms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/19/2019 - 44d5257b-0a59-4c9a-9f4a-4bfd940b8849


Similar Part No. - SS21V-R040770

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS21V-R040770 KEMET-SS21V-R040770 Datasheet
385Kb / 6P
SS Coils, SS21V Type
More results

Similar Description - SS21V-R040770

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCF-02-1300 KEMET-SCF-02-1300 Datasheet
77Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 0.013 H
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
76Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 0.05 H
SC-04-E120JKH KEMET-SC-04-E120JKH Datasheet
99Kb / 1P
KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
SC-05-1100 KEMET-SC-05-1100 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 0.011 H
SS21V-200024 KEMET-SS21V-200024 Datasheet
78Kb / 1P
KEMET, SS21V, AC Line Filters, Common Mode, 2400 uH
SS26V-050880 KEMET-SS26V-050880 Datasheet
78Kb / 1P
KEMET, SS26V, AC Line Filters, Common Mode, 0.088 H
SS30V-150200 KEMET-SS30V-150200 Datasheet
75Kb / 1P
KEMET, SS30V, AC Line Filters, Common Mode, 0.02 H
SSR10H-14140 KEMET-SSR10H-14140 Datasheet
238Kb / 1P
KEMET, SSR10V/H, AC Line Filters, Common Mode, 0.014 H
SC-08-E1000 KEMET-SC-08-E1000 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 0.01 H
SS21V-300008 KEMET-SS21V-300008 Datasheet
78Kb / 1P
KEMET, SS21V, AC Line Filters, Common Mode, 800 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com