Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB11V-R15060 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSB11V-R15060
Description  KEMET, SSB11V, AC Line Filters, Common Mode, 6000 uH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSB11V-R15060 Datasheet(HTML) 1 Page - Kemet Corporation

  SSB11V-R15060 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSB11V-R15060
(UALB11VR150600)
KEMET, SSB11V, AC Line Filters, Common Mode, 6000 uH
Dimensions
L
22mm +/-1mm
T
14.5mm +/-1mm
H
21.5mm +/-1mm
LL
3.5mm +/-1mm
S
13mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Weight: 11 g
General Information
Series: SSB11V
Style: Through-Hole
RoHS: Yes
Miscellaneous: Temperature Rise Maximum: 50
K
Specifications
Voltage AC: 250 VAC
Inductance: 6 mH
Current: 1.5 A
Temperature Range: -25/+130°C
DC Resistance: 300 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/19/2019 - 139dbd7a-a4af-4a95-a88b-46e587a46600


Similar Part No. - SSB11V-R15060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSB11V-R13090 KEMET-SSB11V-R13090 Datasheet
301Kb / 4P
SS Coils, SSB11V-R/11H-R Type
SSB11V-R1390 KEMET-SSB11V-R1390 Datasheet
314Kb / 4P
AC Line Filters SS Coils, SSB11V-R/11H-R Type
SSB11V-R17043 KEMET-SSB11V-R17043 Datasheet
301Kb / 4P
SS Coils, SSB11V-R/11H-R Type
More results

Similar Description - SSB11V-R15060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCR25-070-1R1A070J KEMET-SCR25-070-1R1A070J Datasheet
80Kb / 1P
KEMET, SCR25, AC Line Filters, Common Mode, 7000 uH
SCF-03-650 KEMET-SCF-03-650 Datasheet
77Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 6500 uH
SC-02-E50JKH KEMET-SC-02-E50JKH Datasheet
99Kb / 1P
KEMET, SC_JKH, AC Line Filters, Common Mode, 5400 uH
SC-02-E60JKH KEMET-SC-02-E60JKH Datasheet
99Kb / 1P
KEMET, SC_JKH, AC Line Filters, Common Mode, 6000 uH
SC-04-E60JKH KEMET-SC-04-E60JKH Datasheet
99Kb / 1P
KEMET, SC_JKH, AC Line Filters, Common Mode, 6000 uH
SC-04-200 KEMET-SC-04-200 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
SC-10-340 KEMET-SC-10-340 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 3400 uH
SS21V-200024 KEMET-SS21V-200024 Datasheet
78Kb / 1P
KEMET, SS21V, AC Line Filters, Common Mode, 2400 uH
SS11VL-11050 KEMET-SS11VL-11050 Datasheet
79Kb / 1P
KEMET, SS11VL, AC Line Filters, Common Mode, 5000 uH
SC-05-103 KEMET-SC-05-103 Datasheet
78Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 1000 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com