Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1840586 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1840586
Description  Base strip - DFK-PC 4/ 5-GF-7,62
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1840586 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1840586 Datasheet HTML 1Page - PHOENIX CONTACT 1840586 Datasheet HTML 2Page - PHOENIX CONTACT 1840586 Datasheet HTML 3Page - PHOENIX CONTACT 1840586 Datasheet HTML 4Page - PHOENIX CONTACT 1840586 Datasheet HTML 5Page - PHOENIX CONTACT 1840586 Datasheet HTML 6Page - PHOENIX CONTACT 1840586 Datasheet HTML 7Page - PHOENIX CONTACT 1840586 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/1840586
19.10.2012   Page 1 / 8
Base strip - DFK-PC 4/ 5-GF-7,62 - 1840586
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 20 A, Rated voltage (III/2): 630 V, Number of positions: 5, Pitch:
7.62 mm, Connection method: Screw connection, Color: green, Contact surface: Tin, Assembly:
Direct mounting
Why buy this product
 Can be plugged into PC 4 and PC 5 plugs
 Lateral mounting flanges (for screw set see accessories)
 Screw connection on the inside of the device
 Feed-through plug-in connectors for a panel thickness of 1 to 5 mm
 Can be mounted from outside or prewired and mounted from inside
 
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 424 (CC-2011)
GTIN
Custom tariff number
85366990
Country of origin
POLAND
Technical data
Dimensions / positions
Pitch
7.62 mm
Dimension a
30.48 mm
Number of positions
5
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Technical data
Range of articles
DFK-PC 4/..-GF
Insulating material group
I
Rated surge voltage (III/3)
6 kV


Similar Part No. - 1840586

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1840500000 WEIDMULLER-1840500000 Datasheet
418Kb / 5P
SL-SMT 5.00HC/17/90LF 3.2SN BK BX
logo
Microchip Technology
1840502 MICROCHIP-1840502 Datasheet
102Kb / 3P
plug-in direction parallel to the conductor axis
28. Juni 2001
logo
PHOENIX CONTACT
1840502 PHOENIX-1840502 Datasheet
93Kb / 6P
Printed-circuit board connector - MC 1,5/16-ST-3,5
logo
Weidmuller
1840510000 WEIDMULLER-1840510000 Datasheet
417Kb / 5P
SL-SMT 5.00HC/18/90LF 3.2SN BK BX
logo
Microchip Technology
1840515 MICROCHIP-1840515 Datasheet
102Kb / 3P
plug-in direction parallel to the conductor axis
28. Juni 2001
More results

Similar Description - 1840586

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861183 PHOENIX-1861183 Datasheet
65Kb / 3P
Base strip - DFK-PC 4/ 5-G-7,62-FS4,8
1840557 PHOENIX-1840557 Datasheet
99Kb / 8P
Base strip - DFK-PC 4/ 2-GF-7,62
1840560 PHOENIX-1840560 Datasheet
79Kb / 6P
Base strip - DFK-PC 4/ 3-GF-7,62
1840573 PHOENIX-1840573 Datasheet
154Kb / 5P
DFK-PC 4/ 4-GF-7,62
1840599 PHOENIX-1840599 Datasheet
98Kb / 8P
Base strip - DFK-PC 4/ 6-GF-7,62
1840612 PHOENIX-1840612 Datasheet
99Kb / 8P
Base strip - DFK-PC 4/ 8-GF-7,62
1840638 PHOENIX-1840638 Datasheet
99Kb / 8P
Base strip - DFK-PC 4/10-GF-7,62
1840641 PHOENIX-1840641 Datasheet
67Kb / 4P
Base strip - DFK-PC 4/11-GF-7,62
1840654 PHOENIX-1840654 Datasheet
99Kb / 8P
Base strip - DFK-PC 4/12-GF-7,62
1708514 PHOENIX-1708514 Datasheet
79Kb / 4P
Base strip - IPC 5/ 4-GF-7,62
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com