Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD600 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD600
Description  PNP PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD600 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD600 Datasheet HTML 1Page - Continental Device India Limited CSD600 Datasheet HTML 2Page - Continental Device India Limited CSD600 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSB631, 631K
PNP PLASTIC POWER TRANSISTORS
CSD600, 600K
NPN PLASTIC POWER TRANSISTORS
Low frequency Power Amplifier and Medium Speed Switching Applications
ABSOLUTE MAXIMUM RATINGS
631
631K
600
600K
Collector-base voltage (open emitter)
VCBO
max. 100
120 V
Collector-emitter voltage (open base)
VCEO
max. 100
120 V
Collector current
IC
max.
1.0
A
Total power dissipation up to TC = 25°C
PC
max.
8.0
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 0.5 A; IB = 50 mA
VCEsat
max.
0.4
V
D.C. current gain
IC = 50 mA; VCE = 5 V
hFE
min.
60
max.
320
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
Collector-base voltage (open emitter)
VCBO
max. 100
120 V
Collector-emitter voltage (open base)
VCEO
max. 100
120 V
CSB631, CSB631K
CSD600, CSD600K
ALL DIMENSIONS IN MM
PIN CONFIGURATION
1. EMITTER
2. COLLECTOR
3. BASE
1
3
2
TO-126 (SOT-32) Plastic Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSD600

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
CSD60N100 DOINGTER-CSD60N100 Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
CSD60N53 DOINGTER-CSD60N53 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - CSD600

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6486 BOCA-2N6486 Datasheet
26Kb / 2P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
List of Unclassifed Man...
BD202 ETC-BD202 Datasheet
26Kb / 3P
PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSA968 CDIL-CSA968 Datasheet
123Kb / 3P
PNP PLASTIC POWER TRANSISTORS
CSB857 CDIL-CSB857 Datasheet
82Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD136 TEL-BD136 Datasheet
53Kb / 2P
PNP PLASTIC POWER TRANSISTORS
BDX33 TEL-BDX33 Datasheet
100Kb / 3P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSA1220 CDIL-CSA1220 Datasheet
150Kb / 3P
PNP PLASTIC POWER TRANSISTORS
MJE170 CDIL-MJE170 Datasheet
556Kb / 3P
PNP PLASTIC POWER TRANSISTORS
BF470 CDIL-BF470 Datasheet
127Kb / 3P
PNP PLASTIC POWER TRANSISTORS
BDX33 CDIL-BDX33 Datasheet
188Kb / 4P
NPN/PNP PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com