Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2284549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2284549
Description  FLKMS 14/ 8IM/PLC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2284549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2284549 Datasheet HTML 1Page - PHOENIX CONTACT 2284549 Datasheet HTML 2Page - PHOENIX CONTACT 2284549 Datasheet HTML 3Page - PHOENIX CONTACT 2284549 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 4, 2011
Extract from the online
catalog
 
FLKMS 14/ 8IM/PLC
Order No.: 2284549
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2284549
 
 
VARIOFACE sensor module, for connecting 8 p-n-p sensors
 
Commercial data
GTIN (EAN)
4
017918
055714
sales group
I631
Pack
2 pcs.
Customs tariff
85369010
Catalog page information
Page 204 (IF-2007)
Product notes
WEEE/RoHS-compliant since:
01/26/2007
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Nominal voltage UN
< 50 V AC
60 V DC
Max. current carrying capacity per branch
1 A
Max. total current of voltage supply
3 A


Similar Part No. - 2284549

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
228450011001169 AVX-228450011001169 Datasheet
78Kb / 2P
Male Style H 11
logo
PHOENIX CONTACT
2284507 PHOENIX-2284507 Datasheet
240Kb / 7P
Passive module - DFLK 50/PLC
2284510 PHOENIX-2284510 Datasheet
91Kb / 6P
Passive module - FLKMS 50/32IM/LA/PLC
2284523 PHOENIX-2284523 Datasheet
87Kb / 6P
Passive module - FLKMS 50/32IM/PLC
2284536 PHOENIX-2284536 Datasheet
124Kb / 4P
FLKMS 14/ 8IM/LA/PLC
More results

Similar Description - 2284549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2967691 PHOENIX-2967691 Datasheet
74Kb / 2P
FBST 14-PLC BK
2289696 PHOENIX-2289696 Datasheet
124Kb / 4P
FLKM 14/8M/PLC
2290410 PHOENIX-2290410 Datasheet
123Kb / 4P
FLKM 14/8P/PLC
2322265 PHOENIX-2322265 Datasheet
74Kb / 6P
Passive module - VIP-3/SC/FLK14/8IM/LED/PLC
2322278 PHOENIX-2322278 Datasheet
71Kb / 7P
Passive module - VIP-3/SC/FLK14/8IM/PLC
2284510 PHOENIX-2284510 Datasheet
91Kb / 6P
Passive module - FLKMS 50/32IM/LA/PLC
2284523 PHOENIX-2284523 Datasheet
87Kb / 6P
Passive module - FLKMS 50/32IM/PLC
2284536 PHOENIX-2284536 Datasheet
124Kb / 4P
FLKMS 14/ 8IM/LA/PLC
2284565 PHOENIX-2284565 Datasheet
140Kb / 4P
FLKM 14/LA/PLC
2965211 PHOENIX-2965211 Datasheet
65Kb / 6P
Passive module - UM 45-FLK14/ 8IM/ZFKDS/PLC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com