Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008069 Datasheet(PDF) 1 Page - Schneider Electric

Part # 1008069
Description  METER SOCKET RINGLESS LEVER UG 320A 3PH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

1008069 Datasheet(HTML) 1 Page - Schneider Electric

  1008069 Datasheet HTML 1Page - Schneider Electric 1008069 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
1008069
METER SOCKET RINGLESS LEVER UG 320A
3PH
Price** : 825.00 USD
Main
Product or component type
Meter Socket
Meter socket type
Ringless
Hub type
A-L ACPL closing plate
Complementary
Meter socket rated current
320 A
Number of jaws
7 with jaw release
Bypass type
Lever bypass
Phase
1 phase
[Ue] rated operational voltage
600 V AC
Enclosure material
Steel
Electrical connection
Lugs 0.5" hex
Service feed location
UG
Wiring configuration
3-wire
Device mounting
Surface
AWG gauge
AWG 6...350 kcmil aluminium/copper)line side
AWG 6...350 kcmil aluminium/copper)service ground
Environment
Product certifications
UL listed
Enclosure Rating
NEMA 3R
Ordering and shipping details
Category
00039-METER SOCKETS & HUBS
Discount Schedule
DE4
GTIN
00785901205401
Mar 26, 2020
1


Similar Part No. - 1008069

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
1008068 SCHNEIDER-1008068 Datasheet
88Kb / 2P
METER SOCKET RINGLESS LEVER UG 320A 1PH
More results

Similar Description - 1008069

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
1008068 SCHNEIDER-1008068 Datasheet
88Kb / 2P
METER SOCKET RINGLESS LEVER UG 320A 1PH
1008797 SCHNEIDER-1008797 Datasheet
104Kb / 2P
METER SOCKET RINGLESS 320A LEVER SOLID
UAK7T SCHNEIDER-UAK7T Datasheet
100Kb / 2P
METER SOCKET RINGLESS 3PH.4W OH/UG 400A
UFTH4330T SCHNEIDER-UFTH4330T Datasheet
55Kb / 1P
METER SOCKET RINGLESS LEVER OH/UG 320A
UH7213BCC SCHNEIDER-UH7213BCC Datasheet
125Kb / 2P
METER SOCKET RINGLESS LEVER OH/UG 200A 3PH
Mar 26, 2020
UH7213BCCG SCHNEIDER-UH7213BCCG Datasheet
125Kb / 2P
METER SOCKET RINGLESS 200A 3PH LEVER OH/UG
Mar 26, 2020
UTH4300T SCHNEIDER-UTH4300T Datasheet
78Kb / 2P
METER SOCKET RINGLESS LEVER OH 320A
Mar 26, 2020
UTH7213B SCHNEIDER-UTH7213B Datasheet
101Kb / 2P
METER SOCKET RINGLESS LEVER OH/UG 200A 3PH
Mar 26, 2020
UTH7213THL SCHNEIDER-UTH7213THL Datasheet
101Kb / 2P
METER SOCKET RINGLESS LEVER OH/UG 200A 3PH
Mar 26, 2020
UTH7330U SCHNEIDER-UTH7330U Datasheet
93Kb / 2P
METER SOCKET RINGLESS LEVER OH/UG 320A 3PH HCP
Mar 26, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com