Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML25231HT1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MML25231HT1
Description  Enhancement Mode pHEMT Technology (E--pHEMT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML25231HT1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MML25231HT1 Datasheet HTML 4Page - NXP Semiconductors MML25231HT1 Datasheet HTML 5Page - NXP Semiconductors MML25231HT1 Datasheet HTML 6Page - NXP Semiconductors MML25231HT1 Datasheet HTML 7Page - NXP Semiconductors MML25231HT1 Datasheet HTML 8Page - NXP Semiconductors MML25231HT1 Datasheet HTML 9Page - NXP Semiconductors MML25231HT1 Datasheet HTML 10Page - NXP Semiconductors MML25231HT1 Datasheet HTML 11Page - NXP Semiconductors MML25231HT1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
MML25231HT1
50 OHM TYPICAL CHARACTERISTICS: 2500 MHz
24
612
14
16
18
20
10
822
0
35
30
25
20
10
5
15
–70
–10
–20
–40
–50
Figure 16. Third Order Intermodulation Distortion
versus Output Power
Pout, OUTPUT POWER (dBm)
–30
–60
3600 MHz
1750 MHz
2600 MHz
1920 MHz
2350 MHz
VDD =5 Vdc, CW
IMD3 and IIP3 versus Temperature
f
(GHz)
Temperature
()
Pout
(dBm)
Gain
(dB)
IIP3
(dBm)
IMD3
(dBc)
1750
25
13.9
17.9
16.5
–47.0
1750
–40
14.1
18.1
16.7
–47.4
1750
85
13.7
17.7
16.0
–46.0
1920
25
14.2
17.2
17.6
–47.1
1920
–40
14.4
17.4
17.7
–47.4
1920
85
14.0
17.0
17.0
–47.9
2350
25
13.7
15.7
19.3
–48.7
2350
–40
13.9
15.9
19.6
–49.1
2350
85
13.5
15.5
19.2
–47.3
2500
25
14.2
15.2
20.0
–48.1
2500
–40
14.4
15.4
20.2
–48.5
2500
85
14.0
15.0
19.7
–47.3
2600
25
13.9
14.9
20.7
–49.5
2600
–40
14.2
15.2
20.9
–49.9
2600
85
13.8
14.8
20.4
–48.7
3600
25
13.9
11.9
25.1
–52.3
3600
–40
14.1
12.1
25.4
–52.9
3600
85
13.7
11.7
25.0
–52.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com