Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5570ARS Datasheet(PDF) 22 Page - Analog Devices

Part # AD5570ARS
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570ARS Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5570ARS Datasheet HTML 16Page - Analog Devices AD5570ARS Datasheet HTML 17Page - Analog Devices AD5570ARS Datasheet HTML 18Page - Analog Devices AD5570ARS Datasheet HTML 19Page - Analog Devices AD5570ARS Datasheet HTML 20Page - Analog Devices AD5570ARS Datasheet HTML 21Page - Analog Devices AD5570ARS Datasheet HTML 22Page - Analog Devices AD5570ARS Datasheet HTML 23Page - Analog Devices AD5570ARS Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5570
Rev. 0 | Page 22 of 24
AD5570 to PIC16C6x/7x
EVALUATION BOARD
The PIC16C6x/7x synchronous serial port (SSP) is configured
as an SPI master with the clock polarity bit set to 0. This is done
by writing to the synchronous serial port control register
(SSPCON). See the PIC16/17 Microcontroller User Manual. In
this example, I/O port RA1 is being used to pulse SYNC and
enable the serial port of the AD5570. This microcontroller
transfers only eight bits of data during each serial transfer
operation; therefore, two consecutive write operations are
needed. Figure 44 shows the connection diagram.
The AD5570 comes with a full evaluation board to aid designers
in evaluating the high performance of the part with a minimum
of effort. All that is required with the evaluation board is a
power supply, a PC, and an oscilloscope.
The AD5570 evaluation kit includes a populated, tested AD5570
printed circuit board. The evaluation board interfaces to the
parallel interface of the PC. Software is available with the
evaluation board, which allows the user to easily program the
AD5570. A schematic of the evaluation board is shown in
Figure 45. The software runs on any PC that has Microsoft
Windows® 95/98/ME/2000 installed.
AD5570*
SCLK
DIN
SYNC
SDO/RC5
SCLK/RC3
RA1
PIC16C6x/7x*
*ADDITIONAL PINS OMITTED FOR CLARITY
SDO
SDI/RC4
An application note is available that gives full details on
operating the evaluation board.
Figure 44. AD5570 to PIC16C6x/7x Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com