Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP33125 Datasheet(PDF) 1 Page - Schneider Electric

Part # MP33125
Description  MP Meter Pak, main lugs, three ringed sockets, no bypass, 4 jaws, 200 A bus, 125 A, 240 VAC, 1 PH, UG, OH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

MP33125 Datasheet(HTML) 1 Page - Schneider Electric

  MP33125 Datasheet HTML 1Page - Schneider Electric MP33125 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
MP33125
MP Meter Pak, main lugs, three ringed sockets,
no bypass, 4 jaws, 200 A bus, 125 A, 240 VAC, 1
PH, UG, OH
Product availability : Stock - Normally stocked in distribution facility
Price** : 1,187.00 USD
Main
Product
Meter Center
Socket Rating
125 A
Main Type
Main Lugs
Number of Jaws
4
Number of Meter Sockets
3
Socket Type
Ringed
Complementary
Main Rating
300 A
Bus Rating
300 A
Certifications
UL listed
Type
Meter-Pak
Busbar Material
Aluminium busbar
Bypass Type
No bypass
Enclosure Material
Steel
Enclosure Rating
NEMA 3R
Maximum Voltage Rating
240 V AC
Mounting
Surface
Phase
1 phase
Service Feed Location
UG
OH
Wire Size
AWG 1/0...600 kcmil 1 aluminium
AWG 1/0...600 kcmil 1 copper
Wire Configuration
3-wire
Height
48.12 in (1222.25 mm)
Mar 26, 2020
1


Similar Part No. - MP33125

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3312 MPS-MP3312 Datasheet
416Kb / 15P
2.7V-5.5V Input , 38V OVP, Dual-Channel White LED Driver
MP3312 MPS-MP3312 Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
MP3312GC MPS-MP3312GC Datasheet
416Kb / 15P
2.7V-5.5V Input , 38V OVP, Dual-Channel White LED Driver
More results

Similar Description - MP33125

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
MP22125 SCHNEIDER-MP22125 Datasheet
95Kb / 2P
MP Meter pak, main lugs, two ringed socket, no bypass, 4 jaws, 200 A bus, 125 A, 240 VAC, 1 PH, UG, OH
MP42200 SCHNEIDER-MP42200 Datasheet
102Kb / 2P
MP Meter Pak, meter center, two ringed sockets, no bypass, 4 jaws, OH, UG, 400 A bus, 200 A, 240 VAC single phase 3W
MP43200 SCHNEIDER-MP43200 Datasheet
123Kb / 2P
MP Meter Pak, meter center, three ringed sockets, no bypass, 4 jaws, OH, UG, 400 A bus, 200 A, 240 VAC single phase 3W
MP44125 SCHNEIDER-MP44125 Datasheet
98Kb / 2P
MP Meter Pak, main lugs, four ringed sockets, no bypass, 4 jaws, UG, OH, 400 A bus, 125 A, 240 VAC single phase
MP55125 SCHNEIDER-MP55125 Datasheet
143Kb / 2P
MP Meter Pak, main lugs, five ringed sockets, no bypass, 4 jaws, UG, OH, 500 A bus, 125 A, 240 VAC single phase
MP64200 SCHNEIDER-MP64200 Datasheet
115Kb / 2P
MP Meter Pak, main lugs, four ringed sockets, no bypass, 4 jaws, UG, OH, 600 A bus, 200 A, 240 VAC single phase 3W
MP66125 SCHNEIDER-MP66125 Datasheet
146Kb / 2P
MP Meter Pak, main lugs, six ringed sockets, no bypass, 4 jaws, OH, UG, 600 A bus, 125 A, 240 VAC single phase 3W
MP85200 SCHNEIDER-MP85200 Datasheet
143Kb / 2P
MP Meter Pak, main lugs, five ringed sockets, no bypass, 4 jaws, OH, UG, 800 A bus, 200 A, 240 VAC single phase 3W
MP86200 SCHNEIDER-MP86200 Datasheet
169Kb / 2P
MP Meter Pak, main lugs, six ringed sockets, no bypass, 4 jaws, OH, UG, 800 A bus, 200 A, 240 VAC single phase 3W
UHT3R2352U SCHNEIDER-UHT3R2352U Datasheet
105Kb / 2P
Horizontal meter sockets, 3 ringless sockets, horn bypass, 4 jaws, OH, UG, 200 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com