Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2776 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2776
Description  Headphone Amplifier for Portable Audio
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2776 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2776 Datasheet HTML 2Page - New Japan Radio NJM2776 Datasheet HTML 3Page - New Japan Radio NJM2776 Datasheet HTML 4Page - New Japan Radio NJM2776 Datasheet HTML 5Page - New Japan Radio NJM2776 Datasheet HTML 6Page - New Japan Radio NJM2776 Datasheet HTML 7Page - New Japan Radio NJM2776 Datasheet HTML 8Page - New Japan Radio NJM2776 Datasheet HTML 9Page - New Japan Radio NJM2776 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2776
-7 -
s
s
s
s
TYPICAL CHARACTERISTICS
0
500
1000
1500
2000
0
1
23
45
6
Operating Current vs. Operating Voltage
Operating Voltage(V
+1) [V]
V
+2=1.2V, Ta=25oC, Active
V+2
V
+1
0
200
400
600
800
1000
0
0.5
1
1.5
2
2.5
Operating Current vs. Operating Voltage
Operating Voltage (V
+2) [V]
V
+1=2.3V, Ta=25oC, Active
V
+2
V
+1
0
10
20
30
40
50
0
1
23
45
6
Operating Current vs. Operating Voltage
Operating Voltage (V+1) [V]
V
+2=1.2V, Ta=25oC, Standby
V
+2
V
+1
0
5
10
15
20
25
0
0.511.5
2
2.5
Operating Current vs. Operating Voltage
Operating Voltage (V+2) [V]
V+1=2.3V, Ta=25oC, Standby
V+2
V+1
0
100
200
300
400
500
600
-50
0
50
100
150
Operating Current vs. Temperature
Ta [
oC]
V
+1=2.3V, V+2=1.2V, Active
V
+2
V
+1
0
5
10
15
20
25
30
35
40
-50
0
50
100
150
Operating Current vs. Temperature
Ta [
oC]
V
+1=2.3V, V+2=1.2V, Standby
V
+1
V
+2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com