Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88813VKC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88813VKC
Description  3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88813VKC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88813VKC Datasheet HTML 1Page - Micrel Semiconductor SY88813VKC Datasheet HTML 2Page - Micrel Semiconductor SY88813VKC Datasheet HTML 3Page - Micrel Semiconductor SY88813VKC Datasheet HTML 4Page - Micrel Semiconductor SY88813VKC Datasheet HTML 5Page - Micrel Semiconductor SY88813VKC Datasheet HTML 6Page - Micrel Semiconductor SY88813VKC Datasheet HTML 7Page - Micrel Semiconductor SY88813VKC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY88813V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.0V to 3.6V or 4.5V to 5.5V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = 25°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
HYS
SD Hysteresis
electrical signal
2
4.6
8
dB
t
OFF
SD Release Time
0.1
0.5
µs
t
ON
SD Assert Time
0.2
0.5
µs
t
r,tf
Differential Output Rise/Fall Time
1000
ps
(20% to 80%)
V
ID
Differential Input Voltage Swing
5
1800
mV
PP
V
OD
Differential Output Voltage Swing
V
ID ≥ 18mVPP
1500
mV
PP
V
ID = 5mVPP
400
mV
PP
V
SR
SD Sensitivity Range
5
50
mV
PP
A
V(Diff)
Differential Voltage Gain
38
dB
B
–3dB
3dB Bandwidth
200
MHz
S
21
Single-Ended Small-Signal Gain
26
32
dB
Note :
7. Specification for packaged product only.
AC ELECTRICAL CHARACTERISTICS(7)
TYPICAL OPERATING CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
SD
LVL
(referenced to V
CC
) (V)
3.3V SD Assert and Deassert
Levels vs. SD
LVL
3.3V
T
A = 25°C
155Mbps
Pattern 2
23-1
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
SD
LVL
(referenced to V
CC
) (V)
5V SD Assert and Deassert
Levels vs. SD
LVL
5.0V
T
A = 25°C
155Mbps
Pattern 2
23-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com