Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88813VKCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88813VKCTR
Description  3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88813VKCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88813VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY88813VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY88813VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY88813VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY88813VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY88813VKCTR Datasheet HTML 6Page - Micrel Semiconductor SY88813VKCTR Datasheet HTML 7Page - Micrel Semiconductor SY88813VKCTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY88813V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
PIN DESCRIPTION
Pin Number
Pin Name
Type
Pin Function
1
/EN
TTL Input:
Enable: Deasserts true data output when high.
Default is high.
2
DIN
Data Input
True data input.
3
/DIN
Data Input
Complementary data input.
4
VREF
Reference voltage.
5
SDLVL
Input
Signal-Detect Level Set: A voltage between VCC and VREF on this pin
sets the threshold for the data input amplitude at which SD will be
asserted.
6
GND
Ground
Device ground.
7
SD
PECL Output
Signal-Detect: Asserts high when the data input amplitude rises above
the threshold set by SDLVL.
8
/DOUT
PECL Output
Complementary data output.
9
DOUT
PECL Output
True data output.
10
VCC
Power Supply
Positive power supply.
LOSLVL
GND
6
5
1
/EN
DIN
/DIN
VREF
10 VCC
DOUT
/DOUT
/LOS
9
8
7
2
3
4
10-Pin MSOP (K10-1)
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88813VKC
K10-1
Commercial
813V
Sn-Pb
SY88813VKCTR(1)
K10-1
Commercial
813V
Sn-Pb
SY88813VKG
K10-1
Industrial
813V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88813VKGTR(1)
K10-1
Industrial
813V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1. Tape and Reel.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com