Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88813VKG Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88813VKG
Description  3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88813VKG Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88813VKG Datasheet HTML 1Page - Micrel Semiconductor SY88813VKG Datasheet HTML 2Page - Micrel Semiconductor SY88813VKG Datasheet HTML 3Page - Micrel Semiconductor SY88813VKG Datasheet HTML 4Page - Micrel Semiconductor SY88813VKG Datasheet HTML 5Page - Micrel Semiconductor SY88813VKG Datasheet HTML 6Page - Micrel Semiconductor SY88813VKG Datasheet HTML 7Page - Micrel Semiconductor SY88813VKG Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SY88813V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
DETAILED DESCRIPTION
The SY88813V low power limiting post amplifier operates
from a single +3.3V or +5V power supply, over temperatures
from –40
°C to +85°C. Signals with data rates up to 155Mbps
and as small as 5mV
PP can be amplified. Figure 1 shows
the allowed input voltage swing. The SY88813V generates
a SD output. SD
LVL sets the sensitivity of the input amplitude
detection.
Input Amplifier/Buffer
Figure 2 shows a simplified schematic of the SY88813V's
input stage. The high-sensitivity of the input amplifier allows
signals as small as 5mV
PP to be detected and amplified.
The input amplifier allows input signals as large as
1800mV
PP. Input signals are linearly amplified with a typically
38dB differential voltage gain. Since it is a limiting amplifier,
the SY88813V outputs typically 1500mV
PP voltage-limited
waveforms for input signals that are greater than 18mV
PP.
Applications requiring the SY88813V to operate with high-
gain should have the upstream TIA placed as close as
possible to the SY88813V’s input pins to ensure the best
performance of the device.
Output Buffer
The SY88813V’s PECL output buffer is designed to drive
50
Ω lines. The output buffer requires appropriate termination
for proper operation. An external 50
Ω resistor to V
CC–2V
for each output pin provides this. Figure 3 shows a simplified
schematic of the output stage and includes an appropriate
termination method.
Signal-Detect
The SY88813V generates a chatter-free PECL SD similar
to the SY88813V's output buffer. SD is used to determine
that the input amplitude is large enough to be considered a
valid input. SD asserts high if the input amplitude rises
above the threshold set by SD
LVL and deasserts low
otherwise. /EN deasserts the true output signal without
removing the input signals. Typically 4.6dB SD hysteresis is
provided to prevent chattering.
Signal-Detect Level Set
A programmable signal-detect level set pin (SDLVL) sets
the threshold of the input amplitude detection. Setting a
voltage on SDLVL between VCC and VREF sets this threshold.
If desired, a resistor divider between V
CC and VREF, as
shown in Figure 4, also creates this threshold. The smaller
the voltage difference from SD
LVL to VCC, the smaller the
SD sensitivity. Hence, larger input amplitude is required to
assert SD. “Typical Operating Characteristics” shows the
relationship between the input amplitude detection sensitivity
and the SDLVL voltage.
Hysteresis
The SY88813V provides typically 4.6dB SD electrical
hysteresis. By definition, a power ratio measured in dB is
10log(power ratio). Power is calculated as V2
IN/R for an
electrical signal. Hence the same ratio can be stated as
20log(voltage ratio). While in linear mode, the electrical
voltage input changes linearly with the optical power and
hence the ratios change linearly. Therefore, the optical
hysteresis in dB is half the electrical hysteresis in dB given
in the datasheet. The SY88813V provides typically 2.3dB
SD optical hysteresis. As the SY88813V is an electrical
device, this datasheet refers to hysteresis in electrical terms.
With 6dB SD hysteresis, a voltage factor of two is required
to assert or deassert SD.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com