Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8777HL/33/C1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8777HL/33/C1
Description  Triple 10-bit video DAC, up to 330 MHz sample frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8777HL/33/C1 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8777HL/33/C1 Datasheet HTML 1Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 2Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 3Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 4Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 5Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TDA8777_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 03 — 15 August 2005
2 of 18
Philips Semiconductors
TDA8777
Triple 10-bit video DAC, up to 330 MHz sample frequency
4.
Quick reference data
5.
Ordering information
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
analog supply voltage
3.0
3.3
3.6
V
IDDA
analog supply current
-
90
-
mA
INL
integral non-linearity
−2
-
+2
LSB
DNL
differential non-linearity
−1
-
+1
LSB
fCLK
clock frequency
TDA8777HL/14/C1
-
-
140
MHz
TDA8777HL/24/C1
-
-
240
MHz
TDA8777HL/33/C1
-
-
330
MHz
Ptot
total power dissipation
-
297
-
mW
Ipd
current in Power-down mode
-
20
-
mA
Table 2:
Ordering information
Type number
Package
Sampling
frequency
Name
Description
Version
TDA8777HL/14/C1
LQFP48
plastic low profile quad flat package;
48 leads; body 7
× 7 × 1.4 mm
SOT313-2 140 MHz
TDA8777HL/24/C1
240 MHz
TDA8777HL/33/C1
330 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com