Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSJUI Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # NSJUI
Description  USOC Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

NSJUI Datasheet(HTML) 1 Page - Hubbell Incorporated.

  NSJUI Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hubbell Premise Wiring • Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484 • Phone (800) 626-0005 • FAX (860) 535-5368
netSELECT
Jacks
USOC Jack
Features
IDC Pair Splitting Tower Allows for Minimum Disruption to Cable
Twist
Compatible with Standard 110 Termination Tools
Standard HPW Keystone Mounting
Ordering Information
Description
Color
CatalogNumber UPC
Modular USOC Snap Fit Jack,
6P6C
Ivory
NSJUI
883778500046
Listings
UL Listed
Meets FCC Part 68 Standard
RoHS Compliant
Specifications
Housing Material
High Impact Thermoplastic UL 94 V-0
Online Resources
eCatalog


Similar Part No. - NSJUI

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
NSJUB HUBBELL-NSJUB Datasheet
275Kb / 1P
USOC Jack
NSJUBK HUBBELL-NSJUBK Datasheet
266Kb / 1P
USOC Jack
NSJUGN HUBBELL-NSJUGN Datasheet
270Kb / 1P
USOC Jack
NSJUGY HUBBELL-NSJUGY Datasheet
269Kb / 1P
USOC Jack
NSJULA HUBBELL-NSJULA Datasheet
274Kb / 1P
USOC Jack
More results

Similar Description - NSJUI

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HXJUGN HUBBELL-HXJUGN Datasheet
260Kb / 1P
Xcelerator USOC Jack
NSJUB HUBBELL-NSJUB Datasheet
275Kb / 1P
USOC Jack
NSJUBK HUBBELL-NSJUBK Datasheet
266Kb / 1P
USOC Jack
NSJUGN HUBBELL-NSJUGN Datasheet
270Kb / 1P
USOC Jack
NSJUGY HUBBELL-NSJUGY Datasheet
269Kb / 1P
USOC Jack
NSJULA HUBBELL-NSJULA Datasheet
274Kb / 1P
USOC Jack
NSJUOR HUBBELL-NSJUOR Datasheet
273Kb / 1P
USOC Jack
NSJUR HUBBELL-NSJUR Datasheet
274Kb / 1P
USOC Jack
NSJUW HUBBELL-NSJUW Datasheet
279Kb / 1P
USOC Jack
NSJUY HUBBELL-NSJUY Datasheet
274Kb / 1P
USOC Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com