Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJFOR Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # SJFOR
Description  Colored Face for HJS Series Jacks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

SJFOR Datasheet(HTML) 1 Page - Hubbell Incorporated.

  SJFOR Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Material
High-impact thermoplastic (UL 94V-0)
Hubbell Premise Wiring • Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484 • Phone (800) 626-0005 • FAX (860) 535-5368
Printed in U.S.A. Specifications subject to change without notice.
• Change Jacks Colors Without Re-Terminating
• Securely Snaps In Place Using Four Points of Contact
• Visually Differentiate Services
• 100 Piece Pack
NEXTSPEED®
Jack
Colored Face for HJS Series Jacks
Listings
RoHS Compliant
Ordering Information
Description
Qty
Color
UPC
Number
Catalog
Number
Color Face for HJS Series Jacks
100
Orange
662620661858
SJFOR
Accessories
Description
Catalog Number
NEXTSPEED Ascent Category 6A Shielded Jack
with Cobra-Lock Termination
HJS6A
NEXTSPEED Ascent Category 6 Shielded Jack
with Cobra-Lock Termination
HJS6


Similar Part No. - SJFOR

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
SJFB HUBBELL-SJFB Datasheet
560Kb / 1P
Colored Face for HJS Series Jacks
SJFBK HUBBELL-SJFBK Datasheet
401Kb / 1P
Colored Face for HJS Series Jacks
SJFGN HUBBELL-SJFGN Datasheet
555Kb / 1P
Colored Face for HJS Series Jacks
SJFGY HUBBELL-SJFGY Datasheet
416Kb / 1P
Colored Face for HJS Series Jacks
SJFR HUBBELL-SJFR Datasheet
496Kb / 1P
Colored Face for HJS Series Jacks
More results

Similar Description - SJFOR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6046 ETC2-6046 Datasheet
401Kb / 1P
TEST JACKS
logo
Pomona Electronics
5230-0 POMONA-5230-0 Datasheet
27Kb / 2P
Stackable Type For Standard Banana Jacks
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
MODULAR JACKS
logo
Hubbell Incorporated.
SJFB HUBBELL-SJFB Datasheet
560Kb / 1P
Colored Face for HJS Series Jacks
SJFBK HUBBELL-SJFBK Datasheet
401Kb / 1P
Colored Face for HJS Series Jacks
SJFGN HUBBELL-SJFGN Datasheet
555Kb / 1P
Colored Face for HJS Series Jacks
SJFGY HUBBELL-SJFGY Datasheet
416Kb / 1P
Colored Face for HJS Series Jacks
SJFR HUBBELL-SJFR Datasheet
496Kb / 1P
Colored Face for HJS Series Jacks
SJFW HUBBELL-SJFW Datasheet
394Kb / 1P
Colored Face for HJS Series Jacks
SJFY HUBBELL-SJFY Datasheet
574Kb / 1P
Colored Face for HJS Series Jacks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com