Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2002 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2002
Description  Low Power, 180MHz Buffer Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2002 Datasheet(HTML) 2 Page - Intersil Corporation

  EL2002 Datasheet HTML 1Page - Intersil Corporation EL2002 Datasheet HTML 2Page - Intersil Corporation EL2002 Datasheet HTML 3Page - Intersil Corporation EL2002 Datasheet HTML 4Page - Intersil Corporation EL2002 Datasheet HTML 5Page - Intersil Corporation EL2002 Datasheet HTML 6Page - Intersil Corporation EL2002 Datasheet HTML 7Page - Intersil Corporation EL2002 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA=25°C)
VS Supply Voltage (V+ - V-) . . . . . . . . . . . . . . . . . . . . ±18V or 36V
VIN Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±15V or VS
If the input exceeds the ratings shown (or the supplies) or if the input to output
voltage exceeds ±7.5V then the input current must be limited to ±50mA. See
the applications section for more information.
IIN Input Current (See above note) . . . . . . . . . . . . . . . . . . . ±50mA
PD Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
The maximum power dissipation depends on package type, ambient
temperature and heat sinking. See the characteristic curves for more details.
Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . . . Continuous
A heat sink is required to keep the junction temperature below the absolute
maximum when the output is short circuited.
TA
Operating Temperature Range . . . . . . . . . . . . . 0°C to +75°C
TJ
Operating Junction Temperature. . . . . . . . . . . . . . . . . . 150°C
TST
Storage Temperature . . . . . . . . . . . . . . . . . . -65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS= ±15V, RS = 50Ω, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
LIMITS
UNITS
VIN
LOAD
TEMP
MIN
TYP
MAX
VOS
Offset Voltage
0
∞
25°C
-15
5
+15
mV
TMIN, TMAX
-20
+20
mV
0
∞
25°C
-40
10
+40
mV
TMIN, TMAX
-50
+50
mV
IIN
Input Current
0
∞
25°C
-10
3
+10
µA
TMIN, TMAX
-15
+15
µA
0
∞
25°C
-15
5
+15
µA
TMIN, TMAX
-20
+20
µA
RIN
Input Resistance
+12V
100
Ω
25°C
1
3
M
Ω
TMIN, TMAX
0.1
M
Ω
AV1
Voltage Gain
±12V
∞
25°C
0.990
0.998
V/V
TMIN, TMAX
0.985
V/V
AV2
Voltage Gain
±10V
100
Ω
25°C
0.85
0.93
V/V
TMIN, TMAX
0.83
V/V
AV3
Voltage Gain
with VS = ±5V
±3V
100
Ω
25°C
0.83
0.91
V/V
TMIN, TMAX
0.80
V/V
VO
Output Voltage Swing
±12V
100
Ω
25°C
±10
±11
V
TMIN, TMAX
±9.5
V
ROUT
Output Resistance
±2V
100
Ω
25°C
8
13
Ω
TMIN, TMAX
15
Ω
IOUT
Output Current
±12V
(Note 1)
25°C
+100
+160
mA
TMIN, TMAX
±95
mA
IS
Supply Current
0
∞
25°C
5
7.5
mA
TMIN, TMAX
10
mA
PSRR
Supply Rejection (Note 2)
0
∞
25°C
60
75
dB
TMIN, TMAX
50
dB
tR
Rise Time
0.5V
100
Ω
25°C
2.8
ns
tD
Propagation Delay
0.5V
100
Ω
25°C
1.5
ns
EL2002



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com