Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2001CM Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2001CM
Description  Low Power, 70MHz Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2001CM Datasheet(HTML) 4 Page - Intersil Corporation

  EL2001CM Datasheet HTML 1Page - Intersil Corporation EL2001CM Datasheet HTML 2Page - Intersil Corporation EL2001CM Datasheet HTML 3Page - Intersil Corporation EL2001CM Datasheet HTML 4Page - Intersil Corporation EL2001CM Datasheet HTML 5Page - Intersil Corporation EL2001CM Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Typical Performance Curves (Continued)
Voltage Gain vs Frequency
for Various Resistive Loads
Voltage Gain
vs Frequency for Various
Capacitive Loads; RL = 100Ω
Voltage Gain
vs Frequency for Various
Capacitive Loads; RL = ∞
Power Supply Rejection Ratio
vs Frequency
-3dB Bandwidth
vs Supply Voltage
Phase Shift vs Frequency
for Various Capacitive Loads
Output Impedance vs Frequency
Reverse Isolation vs Frequency
Small Signal Output Resistance
vs Output Current
8-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
20-Pin SOL
Maximum Power Dissipation
vs Ambient Temperature
Short Circuit Current
vs Temperature
EL2001



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com