Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFL2809SW/ES Datasheet(PDF) 1 Page - International Rectifier

Part # AFL2809SW/ES
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2809SW/ES Datasheet(HTML) 1 Page - International Rectifier

  AFL2809SW/ES Datasheet HTML 1Page - International Rectifier AFL2809SW/ES Datasheet HTML 2Page - International Rectifier AFL2809SW/ES Datasheet HTML 3Page - International Rectifier AFL2809SW/ES Datasheet HTML 4Page - International Rectifier AFL2809SW/ES Datasheet HTML 5Page - International Rectifier AFL2809SW/ES Datasheet HTML 6Page - International Rectifier AFL2809SW/ES Datasheet HTML 7Page - International Rectifier AFL2809SW/ES Datasheet HTML 8Page - International Rectifier AFL2809SW/ES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
07/24/02
www.irf.com
1
ADVANCED ANALOG
HIGH RELIABILITY
HYBRID DC/DC CONVERTERS
AFL270XXS SERIES
The AFL Series of DC/DC converters feature high power
density with no derating over the full military tempera-
ture range. This series is offered as part of a complete
family of converters providing single and dual output
voltages and operating from nominal +28 or +270 volt
inputs with output power ranging from 80 to 120 watts.
For applications requiring higher output power, multiple
converters can be operated in parallel. The internal cur-
rent sharing circuits assure equal current distribution
among the paralleled converters. This series incorpo-
rates Advanced Analog’s proprietary magnetic pulse
feedback technology providing optimum dynamic line
and load regulation response. This feedback system
samples the output voltage at the pulse width modulator
fixed clock frequency, nominally 550 KHz. Multiple con-
verters can be synchronized to a system clock in the
500 KHz to 700 KHz range or to the synchronization
output of one converter. Undervoltage lockout, primary
and secondary referenced inhibit, soft-start and load
fault protection are provided on all models.
These converters are hermetically packaged in two en-
closure variations, utilizing copper core pins to mini-
mize resistive DC losses. Three lead styles are avail-
able, each fabricated with Advanced Analog’s rugged
ceramic lead-to-package seal assuring long term
hermeticity in the most harsh environments.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are available in four screening
grades to satisfy a wide range of requirements. The CH
grade is fully compliant to the requirements of MIL-PRF-
38534 for class H. The HB grade is fully processed and
screened to the class H requirement, but does not have
material element evaluated to the class H requirement.
Both grades are tested to meet the complete group “A”
test specification over the full military temperature range
without output power deration. Two grades with more
limited screening are also available for use in less
Description
demanding applications. Variations in electrical,
mechanical and screening can be accommo-
dated. Contact Advanced Analog for special re-
quirements.
n 160 To 400 Volt Input Range
n 5, 6, 9, 12, 15 and 28 Volt Outputs Available
n High Power Density - up to 84 W /in3
n Up To 120 Watt Output Power
n Parallel Operation with Stress and Current
Sharing
n Low Profile (0.380") Seam Welded Package
n Ceramic Feedthru Copper Core Pins
n High Efficiency - to 87%
n Full Military Temperature Range
n Continuous Short Circuit and Overload
Protection
n Remote Sensing Terminals
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 60 dB - DC to 50KHz
n External Synchronization Port
n Fault Tolerant Design
n Dual Output Versions Available
n Standard Military Drawings Available
Features
AFL
270V Input, Single Output
PD - 94435A


Similar Part No. - AFL2809SW/ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2809SW/ES IRF-AFL2809SW/ES Datasheet
215Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL2809SW/ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL5005S IRF-AFL5005S Datasheet
122Kb / 11P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com