Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFL27015SW/ES Datasheet(PDF) 16 Page - International Rectifier

Part # AFL27015SW/ES
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27015SW/ES Datasheet(HTML) 16 Page - International Rectifier

Back Button AFL27015SW/ES Datasheet HTML 8Page - International Rectifier AFL27015SW/ES Datasheet HTML 9Page - International Rectifier AFL27015SW/ES Datasheet HTML 10Page - International Rectifier AFL27015SW/ES Datasheet HTML 11Page - International Rectifier AFL27015SW/ES Datasheet HTML 12Page - International Rectifier AFL27015SW/ES Datasheet HTML 13Page - International Rectifier AFL27015SW/ES Datasheet HTML 14Page - International Rectifier AFL27015SW/ES Datasheet HTML 15Page - International Rectifier AFL27015SW/ES Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
www.irf.com
AFL270XXS Series
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
ADVANCED ANALOG: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 07/02
AFL270XXS Pin Designation
Pin No.
Designation
1
Positive Input
2
Input Return
3
Case
4
Enable 1
5
Sync Output
6
Sync Input
7
Positive Output
8
Output Return
9
Return Sense
10
Positive Sense
11
Share
12
Enable 2
Part Numbering
AFL 270 05 S X / CH
Model
Input Voltage
270 = 270V
28 = 28V
Output Voltage
05 = 5V, 06 = 6V
09 = 9V, 12 = 12V
15 = 15V, 28 = 28V
Outputs
S = Single
D = Dual
Case Style
W, X, Y, Z
Screening
– , ES
HB, CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com