Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0731000153 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0731000153
Description  50 Ohms, BNC PCB Vertical Jack Receptacle, 16.65mm Mounted Height, Tray
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0731000153 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0731000153_V01 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/14/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0731000153
Status:
Active
Overview:
BNC Miniature RF Connectors and Cable Assemblies
Description:
50 Ohms, BNC PCB Vertical Jack Receptacle, 16.65mm Mounted Height, Tray
Documents:
3D Model
Drawing (PDF)
3D Model (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73101
Overview
BNC Miniature RF Connectors and Cable Assemblies
Product Name
BNC
Style
PCB
Type
Miniature
UPC
800753686472
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
6.259/g
Orientation
Straight
PCB Mounting
Through Hole
PCB Thickness - Recommended
3.20mm
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Frequency
2 GHz
Impedance
50Ω
Power / Voltage
VOLTAGE: 500 Vrms@Sea Level
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73100-0153-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Contained Per -
ECHA_01_2020 (16
January 2020)
Lead
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
73101 Series
This document was generated on 02/14/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0731000153_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731000153 MOLEX11-0731000153 Datasheet
65Kb / 1P
50 Ohms, BNC PCB Vertical Jack Receptacle, 16.65mm Mounted Height, Tray
More results

Similar Description - 0731000153_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73100-0133 MOLEX11-73100-0133 Datasheet
32Kb / 1P
50 Ohms, BNC PCB Vertical Jack Receptacle, 22.30mm Mounted Height
73100-0153 MOLEX11-73100-0153 Datasheet
32Kb / 1P
50 Ohms, BNC PCB Vertical Jack Receptacle, 16.65mm Mounted Height
73133-5003 MOLEX11-73133-5003 Datasheet
32Kb / 1P
BNC 50 Ohm, Vertical PCB Jack Receptacle, 16.80mm Mounted Height
73171-3050 MOLEX11-73171-3050 Datasheet
31Kb / 1P
50 Ohms, BNC PCB Vertical Jack Receptacle, 16.65mm Mounted Height, Bulk
0731000133 MOLEX11-0731000133 Datasheet
65Kb / 1P
50 Ohms, BNC PCB Vertical Jack Receptacle, 22.30mm Mounted Height
0731000153 MOLEX11-0731000153 Datasheet
65Kb / 1P
50 Ohms, BNC PCB Vertical Jack Receptacle, 16.65mm Mounted Height, Tray
0731713050 MOLEX11-0731713050 Datasheet
64Kb / 1P
50 Ohms, BNC PCB Vertical Jack Receptacle, 16.65mm Mounted Height, One Piece
0731000133 MOLEX-0731000133_V01 Datasheet
56Kb / 1P
50 Ohms, BNC PCB Vertical Jack Receptacle, 22.30mm Mounted Height
0731335003 MOLEX6-0731335003_V01 Datasheet
28Kb / 1P
BNC 50 Ohm, Vertical PCB Jack Receptacle, 16.80mm Mounted Height
0731713050 MOLEX-0731713050_V01 Datasheet
56Kb / 1P
50 Ohms, BNC PCB Vertical Jack Receptacle, 16.65mm Mounted Height, One Piece Per Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com