Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1PL44 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # 1PL44
Description  UV Rated Black Unitap, 4, #14 - 4, 2.03 in L, 1.25 in W, Range-taking capability reduces the number of connectors carried in inventory.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

1PL44 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  1PL44 Datasheet HTML 1Page - Hubbell Incorporated. 1PL44 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Application
For Indoor Use Only, Copper Or Stranded Aluminum
Hex Key
1/8
Installation Torque Recommended in-lb
45 in-lb
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Material - Hardware
Aluminum
Number Of Ports
4
Physical Attribute - Number of Screws
4
Physical Attribute - Screw Type
Allen
Plated
N
Plating Type
Unplated
Sub Brand
UNITAP
Temperature Rating
194° F
Trade Name
UNITAP™
Type
BIBS, Multi-Port
UPC
781810286982
UPC 12 Digit
7818102869822
Dimensions
Dimension - Height fraction
1.25 in
Dimension - Height inch
1.25 in
Dimension - L Length Overall mm
50 mm
Dimension - Length Overall inch
1.95 in
Dimension - Screw Size inch
1/4
Dimension - Width fraction
1-1/4 in
Dimension - Width inch
1.25 in
Dimension - Width mm
32 mm
Electrical Ratings
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG
Conductor - AL Str Size Range
14 AWG-4 AWG
Conductor - Copper Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG
Conductor - Copper Str Size Range
14 AWG-4 AWG
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Listed Direct Burial
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
1PL44
by Burndy
Catalog ID: 1PL44
Prop 65 Notice
UV Rated Black Unitap, 4, #14 - 4, 2.03 in L, 1.25 in W, Range-taking
capability reduces the number of connectors carried in inventory.
Features: UV Rated Plastisol Covered AL6061-T6 Aluminum Body Saves
Time By Eliminating The Need For Taping, Oxide Inhibitor Pre-Installed
Inhibits Moisture And Contaminants From Entering The Contact Area,
Range-Taking Capability Reduces The Number Of Connectors Carried In
Inventory, UL486B Listed, AL9CU, 600 V 90 DEG C, UNITAP Rated For
Code Conductor Only, Wire Entry: Single, Torque: 45 IN-LB, Conductor
Size (run - Range): 14 - 4 AWG, Hex Size (key): 1/8 IN, Wire Strip Length:
5/8 IN, Type Of Insulation: UV Rated Plastisol, Number Of Ports: 4


Similar Part No. - 1PL44

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PL42 HUBBELL-1PL42 Datasheet
266Kb / 2P
UV Rated UNITAP ,#14 - 4.
1PL43 HUBBELL-1PL43 Datasheet
268Kb / 2P
UV Rated Black Unitap, 3, #14 - 4, 1.59 in L, 1.25 in W, Range-taking capability reduces the number of connectors carried in inventory.
1PL45 HUBBELL-1PL45 Datasheet
262Kb / 2P
UV Rated Black UNITAP?? 5, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
1PL46 HUBBELL-1PL46 Datasheet
262Kb / 2P
UV Rated Black UNITAP?? 6, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
1PL48 HUBBELL-1PL48 Datasheet
262Kb / 2P
UV Rated Black UNITAP?? 8, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
More results

Similar Description - 1PL44

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PBS2 HUBBELL-1PBS2 Datasheet
263Kb / 2P
UV Rated Black Unitap, 2, #14 - 2 Kcmil, 2.38 in L, 0.75 in W.
1PBS10 HUBBELL-1PBS10 Datasheet
263Kb / 2P
UV Rated Black Unitap, 2, #14 - 1/0 Kcmil, 2.91 in L, 0.91 in W.
1PBS350 HUBBELL-1PBS350 Datasheet
263Kb / 2P
UV Rated Black Unitap, 2, #10 - 350 Kcmil, 4.63 in L, 1.34 in W.
1PL43 HUBBELL-1PL43 Datasheet
268Kb / 2P
UV Rated Black Unitap, 3, #14 - 4, 1.59 in L, 1.25 in W, Range-taking capability reduces the number of connectors carried in inventory.
1PL45 HUBBELL-1PL45 Datasheet
262Kb / 2P
UV Rated Black UNITAP?? 5, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
1PL46 HUBBELL-1PL46 Datasheet
262Kb / 2P
UV Rated Black UNITAP?? 6, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
1PL48 HUBBELL-1PL48 Datasheet
262Kb / 2P
UV Rated Black UNITAP?? 8, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
1PLD202 HUBBELL-1PLD202 Datasheet
265Kb / 2P
UV rated Black Unitap, 2, #14 - 2/0, 1.52 in L, 1.56 in W.
1PLD203 HUBBELL-1PLD203 Datasheet
268Kb / 2P
UV rated Black Unitap, 3, #14 - 2/0, 2.19 in L, 1.56 in.
1PLD204 HUBBELL-1PLD204 Datasheet
266Kb / 2P
UV rated Black Unitap, 4, #14 - 2/0, 2.86 in L, 1.56 in.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com