Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4093B Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4093B
Description  QUAD 2 INPUT NAND SCHMITT TRIGGER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093B Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4093B Datasheet HTML 1Page - STMicroelectronics HCF4093B Datasheet HTML 2Page - STMicroelectronics HCF4093B Datasheet HTML 3Page - STMicroelectronics HCF4093B Datasheet HTML 4Page - STMicroelectronics HCF4093B Datasheet HTML 5Page - STMicroelectronics HCF4093B Datasheet HTML 6Page - STMicroelectronics HCF4093B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HCF4093B
3/7
DC SPECIFICATIONS
The Noise Margin for both "1" and "0" level is: 1V min. with VDD=5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
a : Input on terminals 1, 5, 8, 12 or 2, 6, 9, 13; other inputs to VDD.
b : Input on terminals 1 and 2, 5 and 6, 8 and 9, or 12 and 13; other inputs to VDD.
Symbol
Parameter
Test Condition
Value
Unit
VI
(V)
VO
(V)
|IO|
(
µA)
VDD
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
IL
Quiescent Current
0/5
5
0.02
1
30
30
µA
0/10
10
0.02
2
60
60
0/15
15
0.02
4
120
120
0/20
20
0.04
20
600
600
VOH
High Level Output
Voltage
0/5
<1
5
4.95
4.95
4.95
V
0/10
<1
10
9.95
9.95
9.95
0/15
<1
15
14.95
14.95
14.95
VOL
Low Level Output
Voltage
5/0
<1
5
0.05
0.05
0.05
V
10/0
<1
10
0.05
0.05
0.05
15/0
<1
15
0.05
0.05
0.05
VP
Positive Trigger
Threshold Voltage
a
5
2.2
2.9
3.6
2.2
3.6
2.2
3.6
V
a
10
4.6
5.9
7.1
4.6
7.1
4.6
7.1
a
15
6.8
8.8
10.8
6.8
10.8
6.8
10.8
b
5
2.6
3.3
4.0
2.6
4
2.6
4
b
10
5.6
7
8.2
5.6
8.2
5.6
8.2
b
15
6.3
9.4
12.7
6.3
12.7
6.3
12.7
VN
Negative Trigger
Threshold Voltage
a
5
0.9
1.9
2.8
0.9
2.8
0.9
2.8
V
a
10
2.5
3.9
5.2
2.5
5.2
2.5
5.2
a
15
4
5.8
7.4
4
7.4
4
7.4
b
5
1.4
2.3
3.2
1.4
3.2
1.4
3.2
b
10
3.4
5.1
6.6
3.4
6.6
3.4
6.6
b
15
4.8
7.3
9.6
4.8
9.6
4.8
9.6
VH
Hysteresis Voltage
a
5
0.3
0.9
1.6
0.3
1.6
0.3
1.6
V
a
10
1.2
2.3
3.4
1.2
3.4
1.2
3.4
a
15
1.6
3.5
5
1.6
5
1.6
5
b
5
0.3
0.9
1.6
0.3
1.6
0.3
1.6
b
10
1.2
2.3
3.4
1.2
3.4
1.2
3.4
b
15
1.6
3.5
5
1.6
5
1.6
5
IOH
Output Drive
Current
0/5
2.5
<1
5
-1.36
-3.2
-1.15
-1.1
mA
0/5
4.6
<1
5
-0.44
-1
-0.36
-0.36
0/10
9.5
<1
10
-1.1
-2.6
-0.9
-0.9
0/15
13.5
<1
15
-3.0
-6.8
-2.4
-2.4
IOL
Output Sink
Current
0/5
0.4
<1
5
0.44
1
0.36
0.36
mA
0/10
0.5
<1
10
1.1
2.6
0.9
0.9
0/15
1.5
<1
15
3.0
6.8
2.4
2.4
II
Input Leakage
Current
0/18
Any Input
18
±10-5 ±0.1
±1
±1
µA
CI
Input Capacitance
Any Input
5
7.5
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com