Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD814045 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # LD814045
Description  Standard Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

LD814045 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  LD814045 Datasheet HTML 1Page - Inchange Semiconductor Company Limited LD814045 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
LD814045
Standard Rectifier Diode
FEATURES
·
Low leakage current
·
Low forward voltage drop
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Powerex Dual Diode Modules are designed for use
in applications requiring rectification and isolated
packaging.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
tp=10ms
4000
V
IF(AV)
Average Forward Current
TC=100℃,50Hz,180°Conduction
450
A
IF(RMS)
RMS Forward Current
1256
A
IFSM
Surge Forward Current
tp=10ms,VR=0.6VRRM
18000
A
I2t
I2t for Fusing for One Cycle
1650000
A2s
Viso
Isolated Voltage
R.M.S, f= 50Hz, t= 1min,Iiso=1mA
2500
V
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.08
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Forward Voltage drop
IF=2400A, TJ= 25℃
18
V
IRRM
Instantaneous Reverse Current
VR=VRRM,TJ=150℃
45
mA


Similar Part No. - LD814045

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD81 LIGHTGRAPHIX-LD81 Datasheet
1Mb / 4P
High Power Miniature LED spotlight with Mounting Systems
18 April 2017
logo
Leadtrend Technology
LD8105 LEADTREND-LD8105 Datasheet
294Kb / 8P
Constant Voltage and Constant Current Controller
LD8105GL LEADTREND-LD8105GL Datasheet
294Kb / 8P
Constant Voltage and Constant Current Controller
LD8108A LEADTREND-LD8108A Datasheet
971Kb / 13P
AC/DC Speedy Charge??Controller for Charge 2.0 USB Interface
LD8108AGS LEADTREND-LD8108AGS Datasheet
971Kb / 13P
AC/DC Speedy Charge??Controller for Charge 2.0 USB Interface
More results

Similar Description - LD814045

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDMA380P2200KC ISC-MDMA380P2200KC Datasheet
275Kb / 2P
Standard Rectifier Diode
logo
ZHEJIANG HUAJING RECTIF...
KP20A HUAJING-KP20A Datasheet
1Mb / 6P
Standard Rectifier Diode
KP10A HUAJING-KP10A Datasheet
917Kb / 7P
Standard Rectifier Diode
KP30A HUAJING-KP30A Datasheet
845Kb / 6P
Standard Rectifier Diode
KP50A HUAJING-KP50A Datasheet
747Kb / 5P
Standard Rectifier Diode
logo
Inchange Semiconductor ...
LD411660 ISC-LD411660 Datasheet
281Kb / 2P
Standard Rectifier Diode
logo
ZHEJIANG HUAJING RECTIF...
ZP5A HUAJING-ZP5A Datasheet
503Kb / 3P
Standard Rectifier Diode
ZP10A HUAJING-ZP10A Datasheet
501Kb / 3P
Standard Rectifier Diode
ZP30A HUAJING-ZP30A Datasheet
525Kb / 3P
Standard Rectifier Diode
ZP50A HUAJING-ZP50A Datasheet
854Kb / 5P
Standard Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com