Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1PLM2012 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # 1PLM2012
Description  Mounted Block Tap Connector, 12 Ports, Single Side Entry, 9.33 IN L
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

1PLM2012 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  1PLM2012 Datasheet HTML 1Page - Hubbell Incorporated. 1PLM2012 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Installation Torque Recommended in-lb
275 in-lb
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Number Of Ports
12
Physical Attribute - Number of Screws
14
Plated
Y
Plating Type
Clear Plated
Temperature Rating
194° F
Trade Name
UNITAP™
UPC
781810307854
UPC 12 Digit
7818103078544
Dimensions
Dimension - Height fraction
1-1/2 in
Dimension - Height inch
1.50 in
Dimension - L Length Overall mm
237 mm
Dimension - Length Overall inch
9.33 in
Dimension - Width inch
1.44
Dimension - Width mm
36 mm
Electrical Ratings
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG;3
AWG;2 AWG;1 AWG;1/0 ;2/0 AWG
Conductor - AL Str Size Range
14 AWG-2/0 AWG
Conductor - Copper Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG;3
AWG;2 AWG;1 AWG;1/0 ;2/0 AWG
Conductor - Copper Str Size Range
14 AWG-2/0 AWG
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Listed Direct Burial
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
1PLM2/012
by Burndy
Catalog ID: 1PLM2/012
Mounted Block Tap Connector, 12 Ports, Single Side Entry, 9.33 IN L


Similar Part No. - 1PLM2012

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PLM2010 HUBBELL-1PLM2010 Datasheet
259Kb / 2P
Mounted Block Tap Connector, 10 Ports, Single Side Entry, 7.98 IN L
More results

Similar Description - 1PLM2012

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PLM204 HUBBELL-1PLM204 Datasheet
261Kb / 2P
Mounted Block Tap Connector, 4 Ports, Single Side Entry, 3.95 IN L
1PLM206 HUBBELL-1PLM206 Datasheet
260Kb / 2P
Mounted Block Tap Connector, 6 Ports, Single Side Entry, 5.29 IN L
1PLM2010 HUBBELL-1PLM2010 Datasheet
259Kb / 2P
Mounted Block Tap Connector, 10 Ports, Single Side Entry, 7.98 IN L
1PLM3506 HUBBELL-1PLM3506 Datasheet
260Kb / 2P
Mounted Block Tap Connector, 6 Ports, Single Side Entry, 7.43 IN L
1PLM6004 HUBBELL-1PLM6004 Datasheet
261Kb / 2P
Mounted Block Tap Connector, 4 Ports, Single Side Entry, 7.59 IN L
1PLM25012 HUBBELL-1PLM25012 Datasheet
259Kb / 2P
Mounted Block Tap Connector, 12 Ports, Single Side Entry, 13.03 IN L
1PLM35012 HUBBELL-1PLM35012 Datasheet
260Kb / 2P
Mounted Block Tap Connector, 12 Ports, Single Side Entry, 12.89 IN L
1PLM60012 HUBBELL-1PLM60012 Datasheet
260Kb / 2P
Mounted Block Tap Connector, 12 Ports, Single Side Entry, 17.84 IN L
1PLMD2012 HUBBELL-1PLMD2012 Datasheet
260Kb / 2P
Mounted Block Tap Connector, Single Side Entry, 9.33 IN L
1PLMD35012 HUBBELL-1PLMD35012 Datasheet
262Kb / 2P
Mounted Block Tap Connector, 12 Ports, Single Side Entry, 13.92 IN L
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com