Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 4 Page - Texas Instruments

Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 4 Page - Texas Instruments

  AM6548_V01 Datasheet HTML 1Page - Texas Instruments AM6548_V01 Datasheet HTML 2Page - Texas Instruments AM6548_V01 Datasheet HTML 3Page - Texas Instruments AM6548_V01 Datasheet HTML 4Page - Texas Instruments AM6548_V01 Datasheet HTML 5Page - Texas Instruments AM6548_V01 Datasheet HTML 6Page - Texas Instruments AM6548_V01 Datasheet HTML 7Page - Texas Instruments AM6548_V01 Datasheet HTML 8Page - Texas Instruments AM6548_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 277 page
background image
4
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Device Overview
Copyright © 2017–2019, Texas Instruments Incorporated
1.3
Description
AM654x and AM652x Sitara™ processors are Arm® applications processors built to meet the complex
processing needs of modern industry 4.0 embedded products.
The AM654x and AM652x devices combine four or two Arm® Cortex®-A53 cores with a dual Arm®
Cortex®-R5F MCU subsystem which includes features intended to help customers achieve their functional
safety goals for their end products and three Gigabit industrial communications subsystems (PRU_ICSSG)
to create a SoC capable of high-performance industrial controls with industrial connectivity and processing
for functional safety applications. AM65xx is currently undergoing assessment to be certified by TÜV SÜD
according to IEC 61508.
The four Arm® Cortex®-A53 cores in the AM654x are arranged in two dual-core clusters with shared L2
memory to create two processing channels. The two Arm® Cortex®-A53 cores in the AM652x are available
in a single dual-core cluster and two single-core cluster options. Extensive ECC is included on on-chip
memory, peripherals, and interconnect for reliability. The SoC as a whole includes features intended to
help customers design systems that can achieve their functional safety goals (assessment pending with
TÜV SÜD). Cryptographic acceleration and secure boot are available on some AM654x and AM652x
devices in addition to granular firewalls managed by the DMSC.
Programmability is provided by the Arm® Cortex®-A53 RISC CPUs with Arm® Neon™ extension, and the
dual Arm® Cortex®-R5F MCU subsystem is available for general purpose use as two cores or it can be
used in lockstep to help meet the needs of functional safety applications. The PRU_ICSSG subsystems
can be used to provide up to six ports of industrial Ethernet such as Profinet IRT, TSN, Ethernet/IP or
EtherCAT® (among many others), or they can be used for standard Gigabit Ethernet connectivity.
TI provides a complete set of software and development tools for the Arm® cores including Processor SDK
Linux, Linux-RT, RTOS, and Android as well as C compilers and a debugging interface for visibility into
source code execution. Applicable functional safety and security documentation will be made available to
assist customers in developing their functional safety or security related systems.
(1)
For more information, see Section 9, Mechanical, Packaging, and Orderable Information
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AM6548ACD
FCBGA (784)
23.0 mm × 23.0 mm
AM6528ACD
FCBGA (784)
23.0 mm × 23.0 mm
AM6546ACD
FCBGA (784)
23.0 mm × 23.0 mm
AM6526ACD
FCBGA (784)
23.0 mm × 23.0 mm
AM6527ACD
FCBGA (784)
23.0 mm × 23.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com