Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 2 Page - Texas Instruments

  AM6548 Datasheet HTML 1Page - Texas Instruments AM6548 Datasheet HTML 2Page - Texas Instruments AM6548 Datasheet HTML 3Page - Texas Instruments AM6548 Datasheet HTML 4Page - Texas Instruments AM6548 Datasheet HTML 5Page - Texas Instruments AM6548 Datasheet HTML 6Page - Texas Instruments AM6548 Datasheet HTML 7Page - Texas Instruments AM6548 Datasheet HTML 8Page - Texas Instruments AM6548 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 277 page
background image
2
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Device Overview
Copyright © 2017–2019, Texas Instruments Incorporated
microprocessor subsystem
– Separate voltage, clocks, resets, and dedicated
peripherals
– Internal MCSPI connection to the rest of SoC
Security:
• Secure boot supported
– Hardware-enforced root-of-trust
– Support to switch root-of-trust via backup key
– Support for takeover protection, IP protection,
and anti-roll back protection
• Cryptographic acceleration supported
– Session-aware cryptographic engine with ability
to auto-switch key-material based on incoming
data stream
– Supports cryptographic cores
– AES – 128/192/256 bits key sizes
– 3DES – 56/112/168 bits key sizes
– MD5, SHA1
– SHA2 – 224/256/384/512
– DRBG with true random number generator
– PKA (public key accelerator) to assist in
RSA/ECC processing
– DMA support
• Debugging security
– Secure software controlled debug access
– Security aware debugging
• Trusted Execution Environment (TEE) supported
– Arm® TrustZone® based TEE
– Extensive firewall support for isolation
– Secure DMA path and interconnect
– Secure watchdog/timer/IPC
• Secure storage support
• On-the-fly encryption and authentication support
for OSPI interface
• Networking security support for data (payload)
encryption/authentication via packet based
hardware cryptographic engine
• Security co-processor (DMSC) for key and security
management, with dedicated device level
interconnect for security
SoC services:
• Device Management Security Controller (DMSC)
– Centralized SoC system controller
– Manages system services including initial boot,
security, functional safety and clock/reset/power
management
– Power management controller for active and low
power modes
– Communication with various processing units
over message manager
– Simplified interface for optimizing unused
peripherals
– Tracing and debugging capability
• Sixteen 32-bit general-purpose timers
• Two data movement and control Navigator
Subsystems (NAVSS)
– Ring Accelerator (RA)
– Unified DMA (UDMA)
– Up to 2 Timer Managers (TM) (1024 timers
each)
Multimedia:
• Display subsystem
– Two fully input-mapped overlay managers
associated with two display outputs
– One port MIPI® DPI parallel interface
– One port OLDI
• PowerVR® SGX544-MP1 3D Graphics Processing
Unit (GPU)
• One Camera Serial Interface-2 (MIPI CSI-2)
• One port video capture: BT.656/1120 (no
embedded sync)
High-speed interfaces:
• One Gigabit Ethernet (CPSW) interface supporting
– RMII (10/100) or RGMII (10/100/1000)
– IEEE1588 (2008 Annex D, Annex E, Annex F)
with 802.1AS PTP
– Audio/video bridging (P802.1Qav/D6.0)
– Energy-efficient Ethernet (802.3az)
– Jumbo frames (2024 bytes)
– Clause 45 MDIO PHY management
• Two PCI-Express® ( PCIe®) revision 3.1
subsystems (2)
– Supports Gen3 (8.0GT/s) operation
– Two independent 1-lane, or a single 2-lane port
– Support for concurrent root-complex and/or end-
point operation
• USB 3.1 Dual-Role Device (DRD) subsystem (2)
– One enhanced SuperSpeed Gen1 port
– One USB 2.0 port
– Each port independently configurable as USB
host, USB peripheral, or USB DRD
General connectivity:
• 6× Inter-Integrated Circuit ( I2C™) ports
• 5× configurable UART/IrDA/CIR modules
• Two simultaneous flash interfaces configured as
– Two OSPI flash interfaces
– or HyperBus™ and OSPI1 flash interface
• 2× 12-bit Analog-to-Digital Converters (ADC)
– Up to 4 Msamples/s
– Eight multiplexed analog inputs
• 8× Multichannel Serial Peripheral Interfaces
(MCSPI) controllers
– Two with internal connections
– Six with external interfaces
• General-Purpose I/O (GPIO) pins
Control interfaces:
• 6× Enhanced High Resolution Pulse-Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com