Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 196 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 192Page - Texas Instruments AM6548 Datasheet HTML 193Page - Texas Instruments AM6548 Datasheet HTML 194Page - Texas Instruments AM6548 Datasheet HTML 195Page - Texas Instruments AM6548 Datasheet HTML 196Page - Texas Instruments AM6548 Datasheet HTML 197Page - Texas Instruments AM6548 Datasheet HTML 198Page - Texas Instruments AM6548 Datasheet HTML 199Page - Texas Instruments AM6548 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 277 page
background image
196
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Table 5-62 and Figure 5-63 assume testing over the recommended operating conditions and electrical
characteristic conditions.
Table 5-62. Switching Characteristics Over Recommended Operating Conditions for I2C Output Timings
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
I16
tc(SCL)
Cycle time, SCL
Standard
10000
ns
Fast
2500
ns
I17
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a repeated START
condition)
Standard
4700
ns
Fast
600
ns
I18
th(SDAL-SCLL)
Hold time, SCL low after SDA low (for a START and a
repeated START condition)
Standard
4000
ns
Fast
900
ns
I19
tw(SCLL)
Pulse duration, SCL low
Standard
4700
ns
Fast
1300
ns
I20
tw(SCLH)
Pulse duration, SCL high
Standard
4000
ns
Fast
600
ns
I21
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
Standard
250
ns
Fast
100 (2)
ns
I22
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
Standard
0 (3)
3450 (4)
ns
Fast
0 (3)
900 (4)
ns
I23
tw(SDAH)
Pulse duration, SDA high between STOP and START
conditions
Standard
4700
ns
Fast
1300
ns
I24
tr(SDA)
Rise time, SDA
Standard
1000
ns
Fast
20+.1Cb
(5) (7)
300 (3) (7)
ns
I25
tr(SCL)
Rise time, SCL
Standard
1000
ns
Fast
20+.1Cb
(5) (7)
300 (3) (7)
ns
I26
tf(SDA)
Fall time, SDA
Standard
300
ns
Fast
20+.1Cb
(5) (7)
300 (3) (7)
ns
I27
tf(SCL)
Fall time, SCL
Standard
300
ns
Fast
20+.1Cb
(5) (7)
300 (3) (7)
ns
I28
tsu(SCLH-SDAH)
Setup time, SCL high before SDA high (for STOP condition)
Standard
4000
ns
Fast
600
ns
I29
tskew
Skew
Standard
3
ns
Fast
20
ns
I30
Cb
Capacitive load for each bus line
Standard
400
pF
Fast
400
pF
(1) The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the devive is powered
down.
(2) A Fast-mode I2C-bus™ device can be used in a Standard-mode I2C-bus system, but the requirement tsu(SDA-SCLH)
≥ 250 ns must
then be met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does
stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA-SCLH) = 1000 + 250 = 1250 ns
(according to the Standard-mode I2C-Bus Specification) before the SCL line is released.
(3) A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(4) The maximum th(SDA-SCLL) has only to be met if the device does not stretch the low period [tw(SCLL)] of the SCL signal.
(5) Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
(6) Software must properly configure the I2C module registers to achieve the timings shown in this table. See the device TRM for details.
(7) These timings apply only to MCU_I2C0 and WKUP_I2C0. MAIN_I2C[0:3] use standard LVCMOS buffers to emulate open-drain buffers
and their rise/fall times should be referenced in the device IBIS model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com