Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 260 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 260 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 256Page - Texas Instruments AM6548 Datasheet HTML 257Page - Texas Instruments AM6548 Datasheet HTML 258Page - Texas Instruments AM6548 Datasheet HTML 259Page - Texas Instruments AM6548 Datasheet HTML 260Page - Texas Instruments AM6548 Datasheet HTML 261Page - Texas Instruments AM6548 Datasheet HTML 262Page - Texas Instruments AM6548 Datasheet HTML 263Page - Texas Instruments AM6548 Datasheet HTML 264Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 277 page
background image
260
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Applications, Implementation, and Layout
Copyright © 2017–2019, Texas Instruments Incorporated
needs its own high-frequency decoupling capacitor, not shown in Figure 7-6.
(2) In this Figure, the VDD_WKUP0 and VDD_WKUP1 supplies are sourced through the WKUP LDO, not an external supply.
(3) Refer to Figure 7-10 through for details about external capacitor connections when using the SDIO LDO.
7.2.8.1
LVCMOS External Capacitor Connections
Each VDDSHV8, VDDSHV[5:0], and VDDSHV[2:0]_WKUP can be configured as 1.8 V or 3.3 V. Figure 7-
7 through Figure 7-10 illustrate different system configurations for the dual-voltage I/O supplies.
VDDSHV8, VDDSHV[5:0], and VDDSHV[2:0]_WKUP are the dual-voltage LVCMOS I/O supplies, while
VDDS8 and VDDS[5:0] are the dual-voltage LVCMOS I/O bias supplies. If any of the VDDSHV8 and
VDDSHV[5:0]] or VDDSHV[2:0]_WKUP are configured for 3.3 V operation, the corresponding VDDS8 and
VDDS[5:0] or VDDS[2:0]_WKUP should be sourced from the internal I/O Bias LDO. When any of the
VDDSHV[8:0] or VDDSHV[2:0]_WKUP are configured for 1.8 V operation, both VDDS[8:0] and
VDDSHV[8:0] or VDDS[2:0]_WKUP and VDDSHV[2:0]_WKUP should be supplied from the same source.
Two I/O Bias LDOs are integrated on this device to share load current. The recommended load sharing is
as follows:
•
IOLDO0 : VDDS0, VDDS1, VDDS2, VDDS5, VDDS7, VDDS8
•
IOLDO1 : VDDS3, VDDS4, VDDS6
Figure 7-7 shows all VDDSHV8, VDDSHV[5:0], and VDDSHV[2:0]_WKUP supplies configured for 3.3V
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com