Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 165 Page - Texas Instruments

Part # AM6546
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 165 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 161Page - Texas Instruments AM6546 Datasheet HTML 162Page - Texas Instruments AM6546 Datasheet HTML 163Page - Texas Instruments AM6546 Datasheet HTML 164Page - Texas Instruments AM6546 Datasheet HTML 165Page - Texas Instruments AM6546 Datasheet HTML 166Page - Texas Instruments AM6546 Datasheet HTML 167Page - Texas Instruments AM6546 Datasheet HTML 168Page - Texas Instruments AM6546 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 277 page
background image
DDR_CK[1:0]P
1
DDR_CK[1:0]N
165
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
For more information, see section Gigabit Ethernet MAC (MCU_CPSW0) in the device TRM.
5.9.5.3
CSI2
NOTE
For more information, see section Camera Adapter Layer (CAL) Subsystem in the device
TRM.
The camera adaptation layer (CAL) is a very flexible subsystem that enables connection to multiple
cameras supporting MIPI CSI-2 over D-PHY serial interface, a LVDS serial interface, and a traditional
parallel interface.
The device includes one instantiation of CAL Subsystem named CALSS0, with a single companion
CAMERARX0 instance.
•
CSI2 Port is compliant with MIPI CSI-2 protocol with four data lanes.
5.9.5.4
DDRSS
For more details about features and additional description information on the device DDR3L, DDR4, and
LPDDR4 Memory Interfaces, see the corresponding sections within Section 4.3, Signal Descriptions and
Section 6, Detailed Description.
The device has dedicated interfaces to DDR3L, DDR4, and LPDDR4 SDRAM. It supports JEDEC
JESD79-3-1, JESD79-4B, and JESD209-4B standards compliant DDR3L, DDR4, and LPDDR4 SDRAM
devices with the following features:
•
16-bit or 32-bit data path to external SDRAM memory
•
Memory device capacity: Up to 32 GB address space available over one chip select
Table 5-41 and Figure 5-34 present switching characteristics for DDRSS.
Table 5-41. Switching Characteristics for DDRSS
NO.
PARAMETER
DDR TYPE
MODE
MIN
MAX UNIT
1
tc(DDR_CKP/D
DR_CKN)
Cycle time, DDR_CKP and DDR_CKN
DDR3L
1.25
3.3
ns
DDR4
1.25
1.6
LPDDR4
DDR PHY PLL:
DDRPHY_PLLCR0[31] = 0
1.5
3.003
Figure 5-34. DDRSS Memory Interface Clock Timing
For more information, see section DDR Subsystem (DDRSS) in the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com