Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 83 Page - Texas Instruments

Part # AM6546
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 83 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 79Page - Texas Instruments AM6546 Datasheet HTML 80Page - Texas Instruments AM6546 Datasheet HTML 81Page - Texas Instruments AM6546 Datasheet HTML 82Page - Texas Instruments AM6546 Datasheet HTML 83Page - Texas Instruments AM6546 Datasheet HTML 84Page - Texas Instruments AM6546 Datasheet HTML 85Page - Texas Instruments AM6546 Datasheet HTML 86Page - Texas Instruments AM6546 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 277 page
background image
83
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2019, Texas Instruments Incorporated
Table 4-47. MMCSD1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
MMC1_CALPAD(1)
MMC/SD Calibration Resistor
A
F23
MMC1_CLK(2)(3)(4)
MMC/SD Clock
O
C27
MMC1_CMD(2)(4)
MMC/SD Command
IO
C28
MMC1_SDCD
SD Card Detect (active low)
I
B24
MMC1_SDWP
SD Write Protect
I
C24
MMC1_DAT0(2)(4)
MMC/SD Data
IO
D28
MMC1_DAT1(2)(4)
MMC/SD Data
IO
E27
MMC1_DAT2(2)(4)
MMC/SD Data
IO
D26
MMC1_DAT3(2)(4)
MMC/SD Data
IO
D27
(1) An external 10kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2) When MMCSD0 or MMCSD1 is used, any non-MMC signal function multiplexed with the respective pins are not available. This is due to
the MMC having an internal IO multiplexer which is controlled by MMCSD0/1_SS_PHY_CTRL_1_REG[31] IOMUX_ENABLE. This
internal IO multiplexer is primary for the signal functions associated with MMCSD pins, and the PADCONFIG’s MUXMODE is
secondary. Additionally, the internal IO multiplexer affects all of the MMCSD0 or MMCSD1 pins, regardless of configured data bus width.
Therefore, when MMCSD0/1_SS_PHY_CTRL_1_REG[31] IOMUX_ENABLE = 0, the respective MMCSD pins are configured for
eMMC/SD functionality, regardless of the PADCONFIG [MUXMODE] setting.
(3) This output signal is also used as a retiming input. It is also recommended to place a 33
Ω resistor in series (close to the processor) to
avoid signal reflections.
(4) Each of these signals should have an external 50kΩ pull-up resistor connected to the corresponding power supply.
4.3.18 CPTS
4.3.18.1 MAIN Domain
Table 4-48. CPTS0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
CPTS0_RFT_CLK
CPTS Reference Clock
I
D21
CPTS0_TS_COMP
CPTS Time Stamp Counter Compare
O
AF13
CPTS0_TS_SYNC
CPTS Time Stamp Counter Bit
O
AG12
CPTS0_HW1TSPUSH
CPTS Hardware Time Stamp Push 1
I
B21
CPTS0_HW2TSPUSH
CPTS Hardware Time Stamp Push 2
I
E21
4.3.19 OLDI
4.3.19.1 MAIN Domain
Table 4-49. OLDI0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
OLDI0_CLKN
OLDI Differential Clock (negative)
IO
L25
OLDI0_CLKP
OLDI Differential Clock (positive)
IO
K25
OLDI0_A0N
OLDI Differential Data (negative)
IO
J28
OLDI0_A0P
OLDI Differential Data (positive)
IO
K28
OLDI0_A1N
OLDI Differential Data (negative)
IO
L27
OLDI0_A1P
OLDI Differential Data (positive)
IO
K27
OLDI0_A2N
OLDI Differential Data (negative)
IO
K24
OLDI0_A2P
OLDI Differential Data (positive)
IO
J24
OLDI0_A3N
OLDI Differential Data (negative)
IO
J26
OLDI0_A3P
OLDI Differential Data (positive)
IO
K26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com