Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 249 Page - Texas Instruments

Part # AM6546
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 249 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 245Page - Texas Instruments AM6546 Datasheet HTML 246Page - Texas Instruments AM6546 Datasheet HTML 247Page - Texas Instruments AM6546 Datasheet HTML 248Page - Texas Instruments AM6546 Datasheet HTML 249Page - Texas Instruments AM6546 Datasheet HTML 250Page - Texas Instruments AM6546 Datasheet HTML 251Page - Texas Instruments AM6546 Datasheet HTML 252Page - Texas Instruments AM6546 Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 277 page
background image
249
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2019, Texas Instruments Incorporated
The WKUP_I2C0 and MCU_I2C0 controllers have dedicated I2C compliant open drain buffers, and
support fast mode (up to 400 Kbps).The I2C0, I2C1, I2C2, and I2C3 controllers are multiplexed with
standard LVCMOS I/O and connected to emulate open drain.The I2C emulation is achieved by configuring
the LVCMOS buffers to output Hi-Z instead of driving high when transmitting logic 1.
For more information, see Inter-Integrated Circuit (I2C) Interface section in the device TRM.
6.4.5.16 MCAN
The Controller Area Network (CAN) is a serial communications protocol which efficiently supports
distributed real-time control. CAN has high immunity to electrical interference. In a CAN network, many
short messages are broadcast to the entire network, which provides for data consistency in every node of
the system.
The MCAN module supports both classic CAN and CAN FD (CAN with Flexible Data-Rate) specifications.
CAN FD feature allows high throughput and increased payload per data frame. The classic CAN and CAN
FD devices can coexist on the same network without any conflict.
The device supports two MCAN modules - MCU_MCAN0 and MCU_MCAN1. They connect to the
physical layer of the CAN network through external (for the device) transceivers. Each MCAN module
supports flexible bit rates greater than 1 Mbps and is compliant to ISO 11898-1:2015.
For more information, see Modular Controller Area Network (MCAN) section in the device TRM.
6.4.5.17 MCASP
The MCASP functions as a general-purpose audio serial port are optimized to the requirements of various
audio applications. The MCASP module can operate in both transmit and receive modes. The MCASP is
useful for time-division multiplexed (TDM) stream, Inter-IC Sound (I2S) protocols reception and
transmission as well as for an intercomponent digital audio interface transmission (DIT). The MCASP has
the flexibility to gluelessly connect to a Sony/Philips digital interface (S/PDIF) transmit physical layer
component.
Although intercomponent digital audio interface reception (DIR) mode (this is, S/PDIF stream receiving) is
not natively supported by the MCASP module, a specific TDM mode implementation for the MCASP
receivers allows an easy connection to external DIR components (for example, S/PDIF to I2S format
converters).
For more information, see Multichannel Audio Serial Port (MCASP) section in the device TRM.
6.4.5.18 MCRC
VBUSM CRC controller is a module which is used to perform CRC (Cyclic Redundancy Check) to verify
the integrity of a memory system. A signature representing the contents of the memory is obtained when
the contents of the memory are read into MCRC Controller. The responsibility of MCRC controller is to
calculate the signature for a set of data and then compare the calculated signature value against a
predetermined good signature value. MCRC controller provides four channels to perform CRC calculation
on multiple memories in parallel and can be used on any memory system. Channel 1 can also be put into
data trace mode, where MCRC controller compresses each data being read through CPU read data bus.
For more information, see Memory Cyclic Redundancy Check (MCRC) Controller section in the device
TRM.
6.4.5.19 MCSPI
The MCSPI module is a multichannel transmit/receive, master/slave synchronous serial bus.
There are total of eight MCSPI modules in the device.
MCSPI3 and MCSPI4 include internal connectivity to MCSPI modules in the MCU domain, as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com