Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526 Datasheet(PDF) 242 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 242 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 238Page - Texas Instruments AM6526 Datasheet HTML 239Page - Texas Instruments AM6526 Datasheet HTML 240Page - Texas Instruments AM6526 Datasheet HTML 241Page - Texas Instruments AM6526 Datasheet HTML 242Page - Texas Instruments AM6526 Datasheet HTML 243Page - Texas Instruments AM6526 Datasheet HTML 244Page - Texas Instruments AM6526 Datasheet HTML 245Page - Texas Instruments AM6526 Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 277 page
background image
242
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2019, Texas Instruments Incorporated
6.3
Accelerators and Coprocessors
6.3.1
PRU_ICSSG
The Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem (PRU_ICSSG)
consists of:
•
Two 32-bit load/store RISC CPU cores — Programmable Real-Time Units (PRU0 and PRU1)
•
Two auxiliary 32-bit load/store RISC CPU cores — Auxiliary Programmable Real-Time Units
(RTU_PRU0 and RTU_PRU1)
•
Data RAMs per PRU core
•
Instruction RAMs per PRU and per RTU_PRU cores
•
Shared RAM
•
Peripheral modules: UART0, ECAP0, PWM, IEP0 and IEP1
•
Interrupt controller (INTC)
The programmable nature of the PRU cores, along with their access to pins, events and all device
resources, provides flexibility in implementing fast real-time responses, specialized data handling
operations, custom peripheral interfaces, and in offloading tasks from the other processor cores of the
device.
The PRU cores are programmed with a small, deterministic instruction set. Each PRU can operate
independently or in coordination with each other and can also work in coordination with the device-level
host CPU. This interaction between processors is determined by the nature of the firmware loaded into the
PRU’s instruction memory.
6.3.1.1
PRU_ICSSG PRU and RTU_PRU Cores
The PRU is a processor optimized for performing embedded tasks that require manipulation of packed
memory mapped data structures, handling of system events that have tight real-time constraints and
interfacing with systems external to the SoC. The PRU is both very small and very efficient at handling
such tasks.
6.3.1.2
PRU_ICSSG Broadside Accelerators Overview
The PRU_ICSSG supports a broadside interface, which uses the XFR (XIN, XOUT, or XCHG) instruction
to transfer the contents of PRUn or RTU_PRUn (where n = 0 or 1) registers to or from accelerators with
the PRU_ICSSG. This interface enables up to 31 registers (R0-R30, or 124 bytes) to be transferred in a
single instruction. The PRU_ICSSG broadside accelerators are divided into two categories – data
processing accelerators and data movement accelerators.
6.3.1.3
PRU_ICSSG UART Module
The PRU_ICSSG UART0 peripheral is based on the industry standard TL16C550 asynchronous
communications element, which in turn is a functional upgrade of the TL16C450.
The PRU_ICSSG UART0 performs serial-to-parallel conversions on data received from a peripheral
device and parallel-to-serial conversion on data received from the CPU. The CPU can read the
PRU_ICSSG UART0 status at any time. The PRU_ICSSG UART0 includes control capability and a
processor interrupt system that can be tailored to minimize software management of the communications
link.
6.3.1.4
PRU_ICSSG ECAP Module
A single instance of an Enhanced Capture event module (ECAP0) is integrated in each device
PRU_ICSSG0, PRU_ICSSG1 and PRU_ICSSG2 subsystem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com