Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 3Page - Texas Instruments AM6526 Datasheet HTML 4Page - Texas Instruments AM6526 Datasheet HTML 5Page - Texas Instruments AM6526 Datasheet HTML 6Page - Texas Instruments AM6526 Datasheet HTML 7Page - Texas Instruments AM6526 Datasheet HTML 8Page - Texas Instruments AM6526 Datasheet HTML 9Page - Texas Instruments AM6526 Datasheet HTML 10Page - Texas Instruments AM6526 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 277 page
background image
7
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Revision History
Copyright © 2017–2019, Texas Instruments Incorporated
2
Revision History
Changes from June 22, 2019 to December 20, 2019 (from H Revision (June 2019) to I Revision)
Page
•
GLOBAL: Changed module name from MMC/SD to MMCSD
................................................................. 1
•
Added links to Section 1.2, Applications
........................................................................................... 3
•
Added in-line description linking to Section 1.3, Description
.................................................................... 4
•
Added links to header names in Table 3-1, Device Comparison
............................................................... 8
•
Updated DDR_FS_RESETn signal description
................................................................................. 62
•
Updated MMC/SD signals footnotes in Section 4.3.17, MMCSD
............................................................. 82
•
Added active low description to MMC0/1_SDCD signal
....................................................................... 82
•
Updated TEMP_DIODE_P signal description in Table 4-71, Miscellaneous0 Signal Descriptions
..................... 102
•
Updated the names SOC_PADCONFIG_* and WKUP_PADCONFIG_* to CTRLMMR_PADCONFIG and
CTRLMMR_WKUP_PADCONFIG* to match the TRM.
...................................................................... 106
•
Added SerDes signals to Table 4-76, Unused Balls Specific Connection Requirements
................................ 117
•
Updated Section 5.1, Absolute Maximum Ratings
........................................................................... 119
•
Updated VDDSHV6 and VDDSHV7 to support only 1.8 V
................................................................... 119
•
Removed Latch-up Performance parameter from Section 5.1, Absolute Maximum Ratings
............................ 119
•
Updated Section 5.2, ESD Ratings
.............................................................................................. 121
•
Updated Section 5.4, Recommended Operating Conditions and Section 5.5, Operating Performance Points
....... 122
•
Updated USB0_VBUS and USB1_VBUS parameters in Section 5.4, Recommended Operating Conditions
......... 124
•
Added VILSS and VIHSS parameters to Section 5.6, Electrical Characteristics ............................................. 127
•
Updated DNL and SMPL_CLK parameter in Table 5-8, Analog ADC DC Electrical Characteristics
................... 128
•
Updated TCK electrical parameter for VIL in Table 5-11, LVCMOS Buffers DC Electrical Characteristics ............ 131
•
Updated VIH parameter for 3.3-V mode in Table 5-13, LVCMOS-FS Buffers DC Electrical Characteristics .......... 133
•
Updated electrical characteristic parameters in Table 5-28, WKUP_LFOSC0 Crystal Electrical Characteristics
..... 155
•
Added new Section 5.9.4.1.7, WKUP_LFOSC0 LVCMOS Digital Clock Source
.......................................... 156
•
Removed Interface Clock Specifications section and added Section 5.9.4.5, Module and Peripheral Clock
Frequencies
........................................................................................................................ 159
•
Updated timing specification values in Section 5.9.5.2, CPSW2G
.......................................................... 160
•
Updated timing specification values in Section 5.9.5.10, GPMC and Section 5.9.5.14, MCASP
....................... 171
•
Updated McSPI setup and delay timing values for master and slave mode
............................................... 201
•
Updated timing specification values in Section 5.9.5.16, eMMC/SD/SDIO
................................................ 207
•
Updated Table 5-77, Switching Characteristics for MMCi - SDR104 / HS200 Mode
..................................... 212
•
Updated Table 5-83, OSPI Switching Characteristics - Data Training
...................................................... 217
•
Updated timing parameters in Section 5.9.5.19, OLDI
....................................................................... 221
•
Updated timing specification values in Section 5.9.5.21, PRU_ICSSG
.................................................... 224
•
Removed duplicate details in Section 6, Detailed Description that also appears in device TRM
....................... 240
•
Updated all subsections in Section 7, Applications, Implementation, and Layout to rearrange in general sections
. 253
•
Added Section 7.2.7, Integrated Power Management Features
............................................................. 258
•
Added note about high-frequency decoupling capacitor in Figure 7-6, External Decoupling Capacitor Connections 258
•
Updated VDDSHV6 and VDDSHV7 to support only 1.8 V
................................................................... 260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com