Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526 Datasheet(PDF) 253 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 253 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 249Page - Texas Instruments AM6526 Datasheet HTML 250Page - Texas Instruments AM6526 Datasheet HTML 251Page - Texas Instruments AM6526 Datasheet HTML 252Page - Texas Instruments AM6526 Datasheet HTML 253Page - Texas Instruments AM6526 Datasheet HTML 254Page - Texas Instruments AM6526 Datasheet HTML 255Page - Texas Instruments AM6526 Datasheet HTML 256Page - Texas Instruments AM6526 Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 277 page
background image
253
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Applications, Implementation, and Layout
Copyright © 2017–2019, Texas Instruments Incorporated
7
Applications, Implementation, and Layout
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test design implementation to confirm system functionality.
7.1
Device Connection and Layout Fundamentals
7.1.1
Power Supply Decoupling and Bulk Capacitors
7.1.1.1
Power Distribution Network Implementation Guidance
The Sitara™ Processor Power Distribution Networks: Implementation and Analysis provides guidance for
successful implementation of the power distribution network. This includes PCB stackup guidance as well
as guidance for optimizing the selection and placement of the decoupling capacitors. TI supports only
designs that follow the board design guidelines contained in the application report.
7.1.2
External Oscillator
For more information, see Section 5.9.4.1, Input Clocks / Oscillators.
7.1.3
JTAG and EMU
Texas Instruments supports a variety of eXtended Development System (XDS) JTAG controllers with
various debug capabilities beyond only JTAG support. A summary of this information is available in the
XDS Target Connection Guide.
For more recommendations on EMU routing, see Emulation and Trace Headers Technical Reference
Manual.
7.1.4
Reset
The device incorporates four external reset pins (MCU_PORz, MCU_RESETz, PORz, and RESETz) and
four reset status pins (MCU_PORz_OUT, MCU_RESETSTATz, PORz_OUT, and RESETSTATz).
Additional reset modes are available through internal registers and emulation.
The device integrates an on-chip Power-on-Reset (POR) generator. Additionally, this device supports an
external POR generation through a PORz and MCU_PORz input pin. The MCU_BYPASS_POR pin
selects the POR source. When the MCU_BYPASS_POR pin is set high at power-up, on-chip POR
generation will be completely bypassed and the external POR used. When it is low, the POR is generated
internally. However, the four external reset inputs must all be pulled high to enable this internal POR
generation.
7.1.5
Unused Pins
For more information about Unused Pins, see Section 4.5, Connections for Unused Pins.
7.1.6
Hardware Design Guide for AM65x/DRA80xM Devices
The Hardware Design Guide for AM65x/DRA80xM Devices document describes hardware system design
considerations for the AM65x/DRA80xM family of processors.This design guideis intended to be used as
an aid during the development of application hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com