Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 98Page - Texas Instruments AM6526 Datasheet HTML 99Page - Texas Instruments AM6526 Datasheet HTML 100Page - Texas Instruments AM6526 Datasheet HTML 101Page - Texas Instruments AM6526 Datasheet HTML 102Page - Texas Instruments AM6526 Datasheet HTML 103Page - Texas Instruments AM6526 Datasheet HTML 104Page - Texas Instruments AM6526 Datasheet HTML 105Page - Texas Instruments AM6526 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 277 page
background image
102
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2019, Texas Instruments Incorporated
4.3.26.3.2 WKUP Domain
Table 4-70. System0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
MCU_BYP_POR
MCU Bypass reset circuitry input. 0 = Internal POR is
used, 1 = External MCU_PORz signal is used.
I
V5
MCU_CLKOUT0
Reference clock output for Ethernet PHYs (50MHz or
25MHz)
O
AB2
MCU_EXT_REFCLK0
External system clock input
I
AB3
MCU_OBSCLK0
Observation clock output for test and debug purposes
only
O
AB2
MCU_PORz
MCU Domain cold reset
I
W5
MCU_PORz_OUT
MCU Domain POR status output
O
V2
MCU_RESETSTATz
MCU Domain warm reset status output
O
V3
MCU_RESETz
MCU Domain warm reset
I
W4
MCU_SAFETY_ERRORn
Error signal output from MCU Domain ESM
IO
W3
MCU_SYSCLKOUT0
MCU Domain system clock output (divided by 4) for test
and debug purposes only
O
AB3
PMIC_POWER_EN0
Power enable output for MAIN Domain supplies
O
Y5
PMIC_POWER_EN1
Power enable output for MAIN Domain supplies
O
AA5
4.3.26.4 Miscellaneous
4.3.26.4.1 WKUP Domain
Table 4-71. Miscellaneous0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
TEMP_DIODE_P(1)
Reserved
A
W6
(1) Do not connect any signal, test point, or board trace to this signal.
4.3.26.5 EFUSE
4.3.26.5.1 MAIN Domain
Table 4-72. EFUSE0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
VPP_CORE (1)
Programming voltage for MAIN Domain efuses
PWR
F21
(1) This signal is valid only for High-Security devices. For more details, see Section 5.7, VPP Specification for One-Time Programmable
(OTP) eFUSEs. For General Purpose devices do not connect any signal, test point, or board trace to this signal.
4.3.26.5.2 MCU Domain
Table 4-73. EFUSE0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
VPP_MCU (1)
Programming voltage for MCU Domain efuses
PWR
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com