Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526 Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 146 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 142Page - Texas Instruments AM6526 Datasheet HTML 143Page - Texas Instruments AM6526 Datasheet HTML 144Page - Texas Instruments AM6526 Datasheet HTML 145Page - Texas Instruments AM6526 Datasheet HTML 146Page - Texas Instruments AM6526 Datasheet HTML 147Page - Texas Instruments AM6526 Datasheet HTML 148Page - Texas Instruments AM6526 Datasheet HTML 149Page - Texas Instruments AM6526 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 277 page
background image
BC1
PORz
BOOTMODE[18:00]
BC2
BC3
MCU_PORz
MCU_BOOTMODE[09:00]
B 4
C
146
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Table 5-19. Boot Configuration Timing Requirements (continued)
NO.
PARAMETER
MIN
MAX
UNIT
BC4
th(MCU_PORz -
MCU_BOOTMODE)
Hold time, All Bootmode pins active after MCU_PORz inactive
(high)
0
ns
Figure 5-8. Boot Configuration Timing
5.9.4
Clock Specifications
5.9.4.1
Input Clocks / Oscillators
Various external clock inputs are needed to drive the device. Summary of these input clock signals are:
•
OSC1_XO/OSC1_XI —
Еxternal main crystal interface pins connected to internal oscillator which
sources reference clock and provides reference clock to PLLs within MAIN domain. Also, for audio
applications, high-frequency oscillator 0 is used to provide audio clock frequencies to MCASPs.
•
WKUP_OSC0_XO/WKUP_OSC0_XI —
Еxternal main crystal interface pins connected to internal
oscillator which sources reference clock and provides reference clock to PLLs within MCU domain and
MAIN domain.
•
WKUP_LFOSC_XO/WKUP_LFOSC_XI — External main crystal interface pins connected to internal
oscillator which sources reference clock provides a clock for low power operation in deeper sleep
modes.
•
MCU_EXT_REFCLK0 — Optional external system clock input (MCU domain).
•
EXT_REFCLK1— Optional external System clock input (MAIN domain). Optionally PLL2 (PER1) and
MCASP can be sourced by EXT_REFCLK1 (sourced externally).
•
SERDES0_REFCLK P/N and SERDES1_REFCLK P/N — SerDes reference clock for PCIe or Optional
USB3.0 PHY.
•
MCU_CPTS0_RFT_CLK — CPTS reference clock inputs for MCU_CPTS0_RFT_CLK.
•
CPTS_RFT0_CLK — CPTS reference clock inputs for CPTS0_RFT_CLK.
•
VOUT1_EXTPCLKIN — Optional for the DPI1 Port of DSS.
•
REFCLK0 P/N and REFCLK1 P/N — There are 2 differential clock output pins to support 2 PCIe
devices.
Figure 5-9 shows the external input clock sources to peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com