Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 209 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 209 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 205Page - Texas Instruments AM6527 Datasheet HTML 206Page - Texas Instruments AM6527 Datasheet HTML 207Page - Texas Instruments AM6527 Datasheet HTML 208Page - Texas Instruments AM6527 Datasheet HTML 209Page - Texas Instruments AM6527 Datasheet HTML 210Page - Texas Instruments AM6527 Datasheet HTML 211Page - Texas Instruments AM6527 Datasheet HTML 212Page - Texas Instruments AM6527 Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 277 page
background image
209
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
(1) j in [j:0] is equal to 7 (for MMC0), or 3 (for MMC1).
Figure 5-72. eMMC/SD/SDIO in - High Speed - Receiver Mode
Figure 5-73. eMMC/SD/SDIO in - High Speed - Transmitter Mode
5.9.5.16.1.3 UHS-I SDR12 Mode
Table 5-72 and Table 5-73 present Timing requirements and Switching characteristics for MMCi - SDR12
in receiver and transmitter mode (see Figure 5-74 and Figure 5-75).
Table 5-72. Timing Requirements for MMCi - SDR12 Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SDR125
tsu(cmdV-clkH)
Setup time, MMCi_CMD valid before MMCi_CLK rising clock edge
9.96
ns
SDR126
th(clkH-cmdV)
Hold time, MMCi_CMD valid after MMCi_CLK rising clock edge
1.67
ns
SDR127
tsu(dV-clkH)
Setup time, MMCi_DAT[j:0] valid before MMCi_CLK rising clock
edge
9.96
ns
SDR128
th(clkH-dV)
Hold time, MMCi_DAT[j:0] valid after MMCi_CLK rising clock edge
1.67
ns
(1) j in [j:0] is equal to 7 (for MMC0), or 3 (for MMC1).
Table 5-73. Switching Characteristics for MMCi - SDR12 Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SDR120
fop(clk)
Operating frequency, MMCi_CLK
25
MHz
SDR121
tw(clkH)
Pulse duration, MMCi_CLK high
18.7
ns
SDR122
tw(clkL)
Pulse duration, MMCi_CLK low
18.7
ns
SDR123
td(clkL-cmdV)
Delay time, MMCi_CLK falling clock edge to MMCi_CMD transition
-13.6
25
ns
SDR124
td(clkL-dV)
Delay time, MMCi_CLK falling clock edge to MMCi_DAT[j:0]
transition
-13.6
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com