Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 210 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 210 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 206Page - Texas Instruments AM6527 Datasheet HTML 207Page - Texas Instruments AM6527 Datasheet HTML 208Page - Texas Instruments AM6527 Datasheet HTML 209Page - Texas Instruments AM6527 Datasheet HTML 210Page - Texas Instruments AM6527 Datasheet HTML 211Page - Texas Instruments AM6527 Datasheet HTML 212Page - Texas Instruments AM6527 Datasheet HTML 213Page - Texas Instruments AM6527 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 277 page
background image
210
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
(1) j in [j:0] is equal to 7 (for MMC0), or 3 (for MMC1).
Figure 5-74. eMMC/SD/SDIO in - High Speed SDR12 - Receiver Mode
Figure 5-75. eMMC/SD/SDIO in - High Speed SDR12 - Transmitter Mode
5.9.5.16.1.4 UHS-I SDR25 Mode
Table 5-74 and Table 5-75 present Timing requirements and Switching characteristics for MMCi - SDR25
in receiver and transmitter mode (see Figure 5-76 and Figure 5-77).
Table 5-74. Timing Requirements for MMCi - SDR25 Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SDR253
tsu(cmdV-clkH)
Setup time, MMCi_CMD valid before MMCi_CLK rising clock edge
2.15
ns
SDR254
th(clkH-cmdV)
Hold time, MMCi_CMD valid after MMCi_CLK rising clock edge
1.67
ns
SDR257
tsu(dV-clkH)
Setup time, MMCi_DAT[j:0] valid before MMCi_CLK rising clock
edge
2.15
ns
SDR258
th(clkH-dV)
Hold time, MMCi_DAT[j:0] valid after MMCi_CLK rising clock edge
1.67
ns
(1) j in [j:0] is equal to 7 (for MMC0), or 3 (for MMC1).
Table 5-75. Switching Characteristics for MMCi - SDR25 Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SDR251
fop(clk)
Operating frequency, MMCi_CLK
50
MHz
SDR252H
tw(clkH)
Pulse duration, MMCi_CLK high
9.2
ns
SDR252L
tw(clkL)
Pulse duration, MMCi_CLK low
9.2
ns
SDR255
td(clkL-cmdV)
Delay time, MMCi_CLK falling clock edge to MMCi_CMD transition
-6.1
3.1
ns
SDR256
td(clkL-dV)
Delay time, MMCi_CLK falling clock edge to MMCi_DAT[j:0]
transition
-6.1
3.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com