Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 214 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 214 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 210Page - Texas Instruments AM6527 Datasheet HTML 211Page - Texas Instruments AM6527 Datasheet HTML 212Page - Texas Instruments AM6527 Datasheet HTML 213Page - Texas Instruments AM6527 Datasheet HTML 214Page - Texas Instruments AM6527 Datasheet HTML 215Page - Texas Instruments AM6527 Datasheet HTML 216Page - Texas Instruments AM6527 Datasheet HTML 217Page - Texas Instruments AM6527 Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 277 page
background image
Copyright © 2017–2019, Texas Instruments Incorporated
Specifications
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
214
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Table 5-80, shows the required DLL software configuration settings for MMC timing modes.
Table 5-80. MMC DLL Delay Mapping for All Timing Modes
MODE
DESCRIPTION
DELAY VALUE
eMMC/SD/SDIOn_PHY
_CTRL_4_REG[15:12]
OTAPDLYSEL
DELAY ENABLE
eMMC/SD/SDIOn_PHY
_CTRL_4_REG[20]
OTAPDLYENA
DLL REFERENCE
FREQUENCY
eMMC/SD/SDIOn_PHY
_CTRL_5_REG[9]
SEL100
DLL REFERENCE
FREQUENCY
eMMC/SD/SDIOn_PHY
_CTRL_5_REG[9]
SEL50
STROBE DELAY
eMMC/SD/SDIO0_SS_P
HY_CTRL_4_REG
[27:24] STRBSEL
MMC Default
Speed
Either 8-bit or 4-bit PHY operating
in 3.3 V 25 MHz mode
0x0
0x0
0x0
0x0
0x0
MMC High Speed
Either 8-bit or 4-bit PHY operating
in 3.3 V 50 MHz mode
0x0
0x0
0x0
0x0
0x0
MMC SDR12
Either 8-bit or 4-bit PHY operating
in 1.8 V 25 MHz SDR mode
0x0
0x0
0x0
0x0
0x0
MMC SDR25
Either 8-bit or 4-bit PHY operating
in 1.8 V 50 MHz SDR mode
0x0
0x0
0x0
0x0
0x0
MMC SDR50
Either 8-bit or 4-bit PHY operating
in 1.8 V 100 MHz SDR mode
0x8
0x1
0x1
0x0
0x0
MMC0 DDR50
8-bit PHY operating in 1.8 V or 3.3
V 50 MHz DDR mode
0x5
0x1
0x0
0x1
0x0
MMC1 DDR50
4-bit PHY operating in 1.8 V 50
MHz DDR mode
0x4
0x1
0x0
0x1
0x0
MMC SDR104
Either 8-bit or 4-bit PHY operating
in UHS-I 1.8 V 200 MHz SDR
0x7
0x1
0x0
0x0
0x0
MMC HS200
Either 8-bit or 4-bit PHY operating
in eMMC 1.8 V 200 MHz SDR
0x5
0x1
0x0
0x0
0x0
MMC HS400
8-bit PHY operating in eMMC 1.8 V
200 MHz DDR
0x0
0x1
0x0
0x0
0xF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com