Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 217 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 217 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 213Page - Texas Instruments AM6527 Datasheet HTML 214Page - Texas Instruments AM6527 Datasheet HTML 215Page - Texas Instruments AM6527 Datasheet HTML 216Page - Texas Instruments AM6527 Datasheet HTML 217Page - Texas Instruments AM6527 Datasheet HTML 218Page - Texas Instruments AM6527 Datasheet HTML 219Page - Texas Instruments AM6527 Datasheet HTML 220Page - Texas Instruments AM6527 Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 277 page
background image
217
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
5.9.5.18 OSPI
For more details about features and additional description information on the device Octal Serial
Peripheral Interface, see the corresponding sections within Section 4.3, Signal Descriptions and Section 6,
Detailed Description.
5.9.5.18.1 OSPI with Data Training
Table 5-83. OSPI Switching Characteristics - Data Training
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
tc(CLK)
Cycle time, CLK
DDR, 1.8V
6.02
ns
DDR, 3.3V
7.52
ns
tc(CLK)
Cycle time, CLK
SDR, 1.8V
6.02
ns
SDR, 3.3V
7.52
ns
5.9.5.18.2 OSPI without Data Training
NOTE
The I/O Timings provided in this section are only applicable when data training is not
implemented. Additionally, the I/O Timings are valid only for some OSPI usage modes when
the corresponding DLL Delays are configured as described in Table 5-88 found in this
section.
Table 5-84, Table 5-85, Figure 5-84, and Figure 5-85 present switching characteristics for OSPI DDR and
SDR Mode.
Table 5-84. OSPI Switching Characteristics - DDR Mode (1)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O1
tc(CLK)
Cycle time, CLK
1.8V
19
ns
3.3V
19
ns
O2
tw(CLKL)
Pulse duration, CLK low
-0.3+0.475×P
(2)
ns
O3
tw(CLKH)
Pulse duration, CLK high
-0.3+0.475×P
(2)
ns
O4
td(CLK-CSn)
Delay time, CLK rising edge to CSn active edge 1.8V, OSPI0 DDR TX;
1.8V, OSPI1 DDR TX
-7.7-0.475 ×
P – 0.975 ×
N × R (3) (4)
(5)
0-0.475 × P –
0.975 × N ×
R (3) (4) (5)
ns
3.3V, OSPI0 DDR TX;
3.3V, OSPI1 DDR TX
-8-0.475 ×
P – 0.975 ×
N × R (3) (4)
(5)
0-0.475 × P –
0.975 × N ×
R (3) (4) (5)
ns
O5
td(CLK-CSn)
Delay time, CLK rising edge to CSn inactive
edge
1.8V, OSPI0 DDR TX;
1.8V, OSPI1 DDR TX
-7.7+0.475 ×
P + 0.975 ×
N × R (3) (4)
(5)
0+0.475 × P
+ 0.975 × N ×
R (3) (4) (5)
ns
3.3V, OSPI0 DDR TX;
3.3V, OSPI1 DDR TX
-8+0.475 × P
+ 0.975 × N ×
R (3) (4) (5)
0+0.475 × P
+ 0.975 × N ×
R (3) (4) (5)
ns
O6
td(CLK-D)
Delay time, CLK active edge to D[i:0] transition
1.8V, OSPI0 DDR TX;
1.8V, OSPI1 DDR TX
-7.7
-1.56
ns
3.3V, OSPI0 DDR TX;
3.3V, OSPI1 DDR TX
-7.7
-1.56
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com