Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 218 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 218 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 214Page - Texas Instruments AM6527 Datasheet HTML 215Page - Texas Instruments AM6527 Datasheet HTML 216Page - Texas Instruments AM6527 Datasheet HTML 217Page - Texas Instruments AM6527 Datasheet HTML 218Page - Texas Instruments AM6527 Datasheet HTML 219Page - Texas Instruments AM6527 Datasheet HTML 220Page - Texas Instruments AM6527 Datasheet HTML 221Page - Texas Instruments AM6527 Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 277 page
background image
OSPI_CLK
OSPI_D[i:0]
OSPI_TIMING_01
OSPI_CSn
O6
O6
O4
O3
O2
O1
O5
218
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
(1) i in [i:0] = 7 for OSPI0, i in [i:0] = 3 for OSPI1
(2) P = CLK cycle time
(3) P = SCLK period
(4) N = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(5) R = refclk
Figure 5-84. OSPI Switching Characteristics - DDR
Table 5-85. OSPI Switching Characteristics - SDR Mode (1)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O7
tc(CLK)
Cycle time, CLK
1.8V
7
ns
3.3V
7.52
ns
O8
tw(CLKL)
Pulse duration, CLK low
-0.3+0.475×P
(2)
ns
O9
tw(CLKH)
Pulse duration, CLK high
-0.3+0.475×P
(2)
ns
O10
td(CLK-CSn)
Delay time, CLK rising edge to CSn active edge
1.8V
-1-0.475 ×
P – 0.975 ×
N × R (3) (4)
(5)
1-0.475 × P –
0.975 × N ×
R (3) (4) (5)
ns
3.3V
-1-0.475 ×
P – 0.975 ×
N × R (3) (4)
(5)
1-0.475 × P –
0.975 × N ×
R (3) (4) (5)
ns
O11
td(CLK-CSn)
Delay time, CLK rising edge to CSn inactive
edge
1.8V
-1+0.475 × P
+ 0.975 × N ×
R (3) (4) (5)
1+0.475 × P
+ 0.975 × N ×
R (3) (4) (5)
ns
3.3V
-1+0.475 × P
+ 0.975 × N ×
R (3) (4) (5)
1+0.475 × P
+ 0.975 × N ×
R (3) (4) (5)
ns
O12
td(CLK-D)
Delay time, CLK active edge to D[i:0] transition
1.8V
-1.15
1.25
ns
3.3V
-1.33
1.51
ns
(1) i in [i:0] = 7 for OSPI0, i in [i:0] = 3 for OSPI1
(2) P = CLK cycle time
(3) P = SCLK period
(4) N = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(5) R = refclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com