Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 215 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 215 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 211Page - Texas Instruments AM6527 Datasheet HTML 212Page - Texas Instruments AM6527 Datasheet HTML 213Page - Texas Instruments AM6527 Datasheet HTML 214Page - Texas Instruments AM6527 Datasheet HTML 215Page - Texas Instruments AM6527 Datasheet HTML 216Page - Texas Instruments AM6527 Datasheet HTML 217Page - Texas Instruments AM6527 Datasheet HTML 218Page - Texas Instruments AM6527 Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 277 page
background image
CPTS_RFT_CLK
T3
T4
T5
CPTS_HWTSPUSH
T1
T2
215
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
For more information, see section Multimedia Card/Secure Digital (eMMC/SD/SDIO) Interface in the
device TRM.
5.9.5.17 NAVSS
Table 5-81, Table 5-82, Figure 5-82, and Figure 5-83 present timing requirement and switching
characteristics of the CPTS interface.
Table 5-81. Timing Requirements for CPTS Input
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
T1
tw(HWTSPUSHH)
HWTSPUSH Pulse duration, high
6 + 12P(1)
ns
T2
tw(HWTSPUSHL)
HWTSPUSH pulse duration, low
6 + 12P(1)
ns
T3
tc(RFT_CLK)
RFT_CLK cycle time
5
8
ns
T4
tw(RFT_CLKH)
RFT_CLK pulse duration, high
0.45 ×
tc(RFT_CLK)
ns
T5
tw(RFT_CLKL)
RFT_CLK pulse duration, low
0.45 ×
tc(RFT_CLK)
ns
(1) P = functional clock period in ns.
Figure 5-82. CPTS Input Timing
Table 5-82. Switching Characteristics for CPTS Output
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
T6
tw(TS_COMPH)
NAVSS-CPTS TS_COMP, high
-6+36P (1)
ns
T7
tw(TS_COMPL)
NAVSS-CPTS TS_COMP, low
-6+36P (1)
ns
T8
tw(TS_COMPH)
CPSW-CPTS TS_COMP, high
-6+36P (1)
ns
T9
tw(TS_COMPL)
CPSW-CPTS TS_COMP, low
-6+36P (1)
ns
T10
tw(TS_SYNCH)
NAVSS-CPTS TS_SYNC, high
-6+36P (1)
ns
T11
tw(TS_SYNCL)
NAVSS-CPTS TS_SYNC, low
-6+36P (1)
ns
T12
tw(TS_SYNCH)
CPSW-CPTS TS_SYNC, high
-6+36P (1)
ns
T13
tw(TS_SYNCL)
CPSW-CPTS TS_SYNC, low
-6+36P (1)
ns
T14
tw(SYNC_OUTH)
TS_SYNC sourcing SYNCn_OUT, high
-6+36P (1)
ns
T15
tw(SYNC_OUTL)
TS_SYNC sourcing SYNCn_OUT, low
-6+36P (1)
ns
T16
tw(SYNC_OUTH)
GENF sourcing SYNCn_OUT, high
-6+5P (1)
ns
T17
tw(SYNC_OUTL)
GENF sourcing SYNCn_OUT, low
-6+5P (1)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com