Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 231 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 231 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 227Page - Texas Instruments AM6527 Datasheet HTML 228Page - Texas Instruments AM6527 Datasheet HTML 229Page - Texas Instruments AM6527 Datasheet HTML 230Page - Texas Instruments AM6527 Datasheet HTML 231Page - Texas Instruments AM6527 Datasheet HTML 232Page - Texas Instruments AM6527 Datasheet HTML 233Page - Texas Instruments AM6527 Datasheet HTML 234Page - Texas Instruments AM6527 Datasheet HTML 235Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 277 page
background image
MDIO_CLK (Output)
PRMDI1
PRMDI2
MDIO_DATA (Input)
SPRS91x_TIMING_PRU_MII_RT_01
APWM
PREP3
SPRSP08_TIMING_ECAP_02
SYNCO
231
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Table 5-104. PRU_ICSSG ECAP Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PREP3
tw(APWM)
Pulse Duration, Auxillary PWM (APWM) output
0+2×P (1)
ns
PREP4
tw(SYNCO)
Pulse Duration, Sync output (asynchronous)
0+P (1)
ns
(1) P = core_clk period
Figure 5-109. PRU_ICSSG ECAP Switching Characteristics
5.9.5.21.6 PRU_ICSSG RGMII, MII_RT, and Switch
5.9.5.21.6.1 PRU_ICSSG MDIO Electrical Data and Timing
Table 5-105. PRU_ICSSG MDIO Timing Requirements – MDIO_DATA
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRMDI1
tsu(MDIO-MDC)
Setup time, MDIO valid before MDC High
90
ns
PRMDI2
th(MDC-MDIO)
Hold time, MDIO valid from MDC High
0
ns
(1) P = Cycle time
Figure 5-110. PRU_ICSSG MDIO_DATA Timing – Input Mode
Table 5-106. PRU_ICSSG MDIO Switching Characteristics – MDIO_CLK
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRMC1
tc(MDC)
Cycle time, MDC
400
ns
PRMC2
tw(MDCH)
Pulse Duration, MDC High
160
ns
PRMC3
tw(MDCL)
Pulse Duration, MDC Low
160
ns
PRMC4
tt(MDC)
Transition time, MDC
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com