Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 234 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 234 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 230Page - Texas Instruments AM6527 Datasheet HTML 231Page - Texas Instruments AM6527 Datasheet HTML 232Page - Texas Instruments AM6527 Datasheet HTML 233Page - Texas Instruments AM6527 Datasheet HTML 234Page - Texas Instruments AM6527 Datasheet HTML 235Page - Texas Instruments AM6527 Datasheet HTML 236Page - Texas Instruments AM6527 Datasheet HTML 237Page - Texas Instruments AM6527 Datasheet HTML 238Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 277 page
background image
SPRS91x_TIMING_PRU_RGMII_RT_07
PRRG12
RGMII_TXC
RGMII_TD[3:0]
RGMII_TX_CTL
PRRG13
SPRS91x_TIMING_PRU_RGMII_RT_06
RGMII_TXC
PRRG9
PRRG10
PRRG8
PRRG11
PRRG11
234
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Figure 5-115. PRU_ICSSG RGMII_RCLK Output Timing
Table 5-111. PRU_ICSSG RGMII Switching Characteristics - RGMII_TD[3:0] and RGMII_TCTL
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
PRRG12
tsk(TD-TXC)
TD to TXC output skew
10 Mbps
- 0.81
0.81
ns
100 Mbps
- 0.81
0.81
ns
1000 Mbps
- 0.81
0.81
ns
tsk(TX_CTL-TXC)
TX_CTL to TXC output skew
10 Mbps
- 0.81
0.81
ns
100 Mbps
- 0.81
0.81
ns
1000 Mbps
- 0.81
0.81
ns
PRRG13
tt(TD)
Transition time, TD
10 Mbps
0.75
ns
100 Mbps
0.75
ns
1000 Mbps
0.75
ns
tt(TX_CTL)
Transition time, TX_CTL
10 Mbps
0.75
ns
100 Mbps
0.75
ns
1000 Mbps
0.75
ns
(1) P = Cycle time
Figure 5-116. PRU_ICSSG RGMII_RD[3:0] and RGMII_RCTL Output Timing
5.9.5.21.6.3 PRU_ICSSG MII_RT Electrical Data and Timing
NOTE
The PRU_ICSSG are contains a second layer of multiplexing to enable additional
functionality (including MII functionality) on the PRU GPO and GPI signals. This internal
wrapper multiplexing is described in the Programmable Real-Time Unit Subsystem and
Industrial Communication Subsystem - Gigabit (PRU_ICSSG) section in Peripherals chapter
in the device TRM.
NOTE
In order to ensure the MII_G_RT I/O timing values published in the device data sheet, the
PRU_ICSSG ICSSGn_CORE_CLK (where n = 0 to 2) core clock must be configured for 200
MHz, 225 MHz, or 250 MHz and the TX_CLK_DELAYn (where n = 0 or 1) bit field in the
ICSSG_TXCFG0/1 register must be set to 0h (default value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com